Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD151TS3313ARP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RD151TS3313ARP
Description  Spread Spectrum Clock for EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD151TS3313ARP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RD151TS3313ARP Datasheet HTML 1Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 2Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 3Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 4Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 5Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 6Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 7Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 8Page - Renesas Technology Corp RD151TS3313ARP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.1.00 May 11, 2006 page 1 of 8
RD151TS3313ARP, RD151TS3323ARP
Spread Spectrum Clock for EMI Solution
REJ03D0794-0100
Rev.1.00
May 11, 2006
Description
RD151TS3313ARP and RD151TS3323ARP is a high-performance Spread Spectrum Clock generator. It is suitable for
EMI solution of electric systems.
Features
• Supports 20 MHz to 40 MHz operations. Multiple rate (XIN: SSCOUT) = 1: 1
Input frequency 20 MHz to 40 MHz
• Spread spectrum modulation ; RD151TS3313ARP : ±1.5%, ±0.5% (Central spread modulation)
RD151TS3323ARP : –3.0%, –1.0% (Down spread modulation)
Key Specifications
• Supply voltages: V
DD = 3.3 V ±0.3 V
• Cycle to cycle jitter = ±100 ps typ.
• Clock output duty cycle = 50 ±5%
• Output slew rate = 0.7 V/ns typ.
Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
RD151TS3313ARPH0
RD151TS3323ARPH0
SOP-8 pin
(JEDEC)
PRSP0008DD-C
(FP-8DCV)
RP
H (2,500 pcs / Reel)
Block Diagram
Synthesizer
Mode Control
1/N
OSC
SSC Modulator
VDD
SSCOUT
NC
GND
SEL
XIN
XOUT
SSN
1/M
R = 350 kΩ
R = 350 kΩ
R = 1 MΩ


Similar Part No. - RD151TS3313ARP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
More results

Similar Description - RD151TS3313ARP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
HD151TS307ARP RENESAS-HD151TS307ARP Datasheet
69Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com