Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKP301KJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RKP301KJ
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP301KJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKP301KJ Datasheet HTML 1Page - Renesas Technology Corp RKP301KJ Datasheet HTML 2Page - Renesas Technology Corp RKP301KJ Datasheet HTML 3Page - Renesas Technology Corp RKP301KJ Datasheet HTML 4Page - Renesas Technology Corp RKP301KJ Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKP301KJ
REJ03G1686-0100 Rev.1.00 May 30, 2008
Page 3 of 4
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
10
–4
10
–6
10
–8
10
–10
10
–12
10
–2
010
40
30
20
50
1.0
1.0
0.1
0.1
0.01
100
10
10
f = 1MHz
10
–7
10
–8
10
–9
10
–10
10
–11
10
–12
10
–13
10
–14
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
10
–4
10
–3
10
–2
10
–1
Forward current IF (A)
Fig.4 Forward resistance vs. Forward current
10
2
10
3
10
–1
10
1
10
0
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
f = 100MHz


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RKP300WKQE Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVD141 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVU145 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
RKP200KP Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP402KS Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVL142AM Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVD142A Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVL145 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
RKP204KP Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVD133A Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn