Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP300KJ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKP300KJ
Description  Silicon Epitaxial Planar Pin Diode for Wireless LAN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP300KJ Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKP300KJ Datasheet HTML 1Page - Renesas Technology Corp RKP300KJ Datasheet HTML 2Page - Renesas Technology Corp RKP300KJ Datasheet HTML 3Page - Renesas Technology Corp RKP300KJ Datasheet HTML 4Page - Renesas Technology Corp RKP300KJ Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKP300KJ
REJ03G1615-0100 Rev.1.00 Jan 28, 2008
Page 3 of 4
Main Characteristics
0
0.2
0.4
0.6
0.8
1.0
10
-2
10
-4
10
-6
10
-8
10
-10
10
-12
040
10
30
20
50
10
-10
10
-8
10
-9
10
-11
10
-12
10
-13
10
-14
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Forward resistance vs. Forward current
Forward current IF (mA)
Ta = 75
°C
Ta = 25
°C
1.0
0.1
1.0
0.1
100
10
f = 1MHz
0.1
1.0
10
100
1.0
10
f = 100MHz
Ta = 25
°C
Ta = 75
°C


Similar Part No. - RKP300KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP300KK RENESAS-RKP300KK Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK_15 Datasheet
104Kb / 7P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KL RENESAS-RKP300KL Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
More results

Similar Description - RKP300KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP300KK RENESAS-RKP300KK Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KL RENESAS-RKP300KL Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
HVL192 RENESAS-HVL192 Datasheet
55Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK_15 Datasheet
104Kb / 7P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
HVC190 RENESAS-HVC190_09 Datasheet
85Kb / 5P
   Silicon Epitaxial Planar PIN Diode for Attenuator
logo
Guangdong Kexin Industr...
HVU132 KEXIN-HVU132 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
SEMTECH ELECTRONICS LTD...
1PS14SE SEMTECH_ELEC-1PS14SE Datasheet
283Kb / 2P
   Silicon Epitaxial Planar PIN Diode
1PS250 SEMTECH_ELEC-1PS250 Datasheet
303Kb / 2P
   Silicon Epitaxial Planar PIN Diode
logo
Guangdong Kexin Industr...
HVD142 KEXIN-HVD142 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
HVU133 KEXIN-HVU133 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Pin Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com