Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP4301APP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP4301APP
Description  Nch IGBT for Strobe Flash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4301APP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP4301APP Datasheet HTML 1Page - Renesas Technology Corp RJP4301APP Datasheet HTML 2Page - Renesas Technology Corp RJP4301APP Datasheet HTML 3Page - Renesas Technology Corp RJP4301APP Datasheet HTML 4Page - Renesas Technology Corp RJP4301APP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1709-0100 Rev.1.00 Jul 03, 2008
Page 1 of 4
RJP4301APP
Nch IGBT for Strobe Flash
REJ03G1709-0100
Rev.1.00
Jul 03, 2008
Features
• V
CES : 430 V
• TO-220FN package
• High Speed Switching
Outline
RENESAS Package code: PRSS0003AB-A
(Package name: TO-220FN)
3
1
2
1 : Gate
2 : Collector
3 : Emitter
1
3
2
Applications
Strobe flash
Maximum Ratings
(Tc = 25°C)
Parameter
Symbol
Ratings
Unit
Conditions
Collector-emitter voltage
VCES
430
V
VGE = 0 V
Gate-emitter voltage
VGES
±33
V
VCE = 0 V,
Refer to item 4 under Notes
on the Actual Specifications
Collector current (Pulse)
ICM
200
A
CM = 1500
µF
(see performance curve)
Maximum power dissipation
PC
30
W
Junction temperature
Tj
– 40 to +150
°C
Storage temperature
Tstg
– 40 to +150
°C
Mass
2.0
g
Typical value


Similar Part No. - RJP4301APP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4301APP RENESAS-RJP4301APP Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-00-T2 RENESAS-RJP4301APP-00-T2 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0 Datasheet
64Kb / 5P
   Nch IGBT for Strobe Flash
Apr 26, 2012
RJP4301APP-M0-T2 RENESAS-RJP4301APP-M0-T2 Datasheet
64Kb / 5P
   Nch IGBT for Strobe Flash
Apr 26, 2012
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
More results

Similar Description - RJP4301APP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
   Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
   Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
   Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
   Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com