Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3PF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STT3PF30L
Description  P-CHANNEL 30V - 0.14 ohm - 3A SOT23-6L STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT3PF30L Datasheet(HTML) 2 Page - STMicroelectronics

  STT3PF30L Datasheet HTML 1Page - STMicroelectronics STT3PF30L Datasheet HTML 2Page - STMicroelectronics STT3PF30L Datasheet HTML 3Page - STMicroelectronics STT3PF30L Datasheet HTML 4Page - STMicroelectronics STT3PF30L Datasheet HTML 5Page - STMicroelectronics STT3PF30L Datasheet HTML 6Page - STMicroelectronics STT3PF30L Datasheet HTML 7Page - STMicroelectronics STT3PF30L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STT3PF30L
2/8
THERMAL DATA
(*) Mounted on a 1 inch pad of 2 oz. Cu in FR-4 board
(**) Mounted on a minimum pad of 2 oz. Cu in FR-4 board
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
Rthj-amb
Rthj-amb
Tj
Tstg
(*)Thermal Resistance Junction-ambient
(**)Thermal Resistance Junction-ambient
Max. Operating Junction Temperature
Storage Temperature
Max
Max
78
156
-55 to 150
-55 to 150
°C/W
°C/W
°C
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
1
1.6
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 1.5 A
VGS = 4.5 V
ID = 1.5 A
0.14
0.16
0.165
0.2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS=25 V
ID = 1.5 A
4S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V f = 1 MHz, VGS = 0
420
95
30
pF
pF
pF


Similar Part No. - STT3PF30L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT3PF30L VBSEMI-STT3PF30L Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - STT3PF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET??II POWER MOSFET
STT2PF60L STMICROELECTRONICS-STT2PF60L Datasheet
83Kb / 6P
   P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET??II POWER MOSFET
STT5NF30L STMICROELECTRONICS-STT5NF30L Datasheet
258Kb / 8P
   N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
   P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
   P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
   N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET??II POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
   N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET??II POWER MOSFET
May 2002
STB95NF03 STMICROELECTRONICS-STB95NF03 Datasheet
587Kb / 9P
   N-CHANNEL 30V - 0.0065 ohm - 95A D짼PAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com