Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT2PF60L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT2PF60L
Description  P-CHANNEL 60V - 0.20 ohm - 2A SOT23-6L STripFET??II POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT2PF60L Datasheet(HTML) 1 Page - STMicroelectronics

  STT2PF60L Datasheet HTML 1Page - STMicroelectronics STT2PF60L Datasheet HTML 2Page - STMicroelectronics STT2PF60L Datasheet HTML 3Page - STMicroelectronics STT2PF60L Datasheet HTML 4Page - STMicroelectronics STT2PF60L Datasheet HTML 5Page - STMicroelectronics STT2PF60L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
May 2002
.
STT2PF60L
P-CHANNEL 60V - 0.20
Ω - 2A SOT23-6L
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.20 Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
s
CELLULAR
MARKING
s
STP6
TYPE
VDSS
RDS(on)
ID
STT2PF60L
60 V
<0.25
2 A
SOT23-6L
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Note: For the P-CHANNEL MOSFET actual polarity of voltages and
current has to be reversed
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 15
V
ID
Drain Current (continuous) at TC = 25°C
2A
ID
Drain Current (continuous) at TC = 100°C
1.3
A
IDM(•)
Drain Current (pulsed)
8
A
Ptot
Total Dissipation at TC = 25°C
1.6
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STT2PF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STT2PF60L VBSEMI-STT2PF60L Datasheet
455Kb / 9P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - STT2PF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT3PF30L STMICROELECTRONICS-STT3PF30L Datasheet
229Kb / 8P
   P-CHANNEL 30V - 0.14 ohm - 3A SOT23-6L STripFET??II POWER MOSFET
STT3PF20V STMICROELECTRONICS-STT3PF20V Datasheet
333Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.2A SOT23-6L 2.7-DRIVE STripFET??II POWER MOSFET
STT5PF20V STMICROELECTRONICS-STT5PF20V Datasheet
231Kb / 8P
   P-CHANNEL 20V - 0.065W - 5A SOT23-6L 2.5V-DRIVE STripFET II POWER MOSFET
STT5NF30L STMICROELECTRONICS-STT5NF30L Datasheet
258Kb / 8P
   N-CHANNEL 30V - 0.039W - 4A SOT23-6L STripFET II POWER MOSFET
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
   N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET??II POWER MOSFET
STT4PF20V STMICROELECTRONICS-STT4PF20V Datasheet
247Kb / 8P
   P-CHANNEL 20V - 0.090 W - 3A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STD10PF06-1 STMICROELECTRONICS-STD10PF06-1 Datasheet
299Kb / 9P
   P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
STF12PF06 STMICROELECTRONICS-STF12PF06 Datasheet
260Kb / 10P
   P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com