Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74VT1G125CLE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74VT1G125CLE
Description  Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G125CLE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RD74VT1G125CLE Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 8Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 9Page - Renesas Technology Corp RD74VT1G125CLE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RD74VT1G125
Rev.2.00 Apr. 01, 2005 page 7 of 9
Test Circuit
t
/ t
HZ
ZH
t
/ t
PLH
PHL
t
/ t
LZ
ZL
Symbol
S1
OPEN
GND
VCC×2
C =15pF
L
VCCOUT
Output
Input
VCCIN
R =2k
L
R =2k
L
Pulse Generator
Z
= 50
OUT
OPEN
*1
See under table
GND
S1
L
Note: C includes probe and jig capacitance.
Waveforms
Input A
90%
10%
10%
VIH
GND
VOH
VOL
tr
Vref
Vref
tf
90%
t PLH
tPHL
Output Y
Vref
Vref
Vref
VIH
VCC
1/2 VCC
tr / tf
2.0 ns
VCC = 1.2 V to 3.6 V
Symbol
Note: Input waveform : PRR
≤ 10 MHz, ZO = 50 Ω, duty cycle 50%


Similar Part No. - RD74VT1G125CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G126 RENESAS-RD74VT1G126 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
RD74VT1G126CLE RENESAS-RD74VT1G126CLE Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G125CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G126 RENESAS-RD74VT1G126 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
RD74VT1G240 RENESAS-RD74VT1G240 Datasheet
2Mb / 10P
   Bus Buffer Inverted with 3-state Output / Dual Supply Voltage Translator
RD74VT1G245 RENESAS-RD74VT1G245 Datasheet
3Mb / 14P
   Bus Transceiver with 3-state Output / Dual Supply Voltage Translator
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com