Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74VT1G125 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RD74VT1G125
Description  Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74VT1G125 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RD74VT1G125 Datasheet HTML 1Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 2Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 3Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 4Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 5Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 6Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 7Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 8Page - Renesas Technology Corp RD74VT1G125 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.2.00 Apr. 01, 2005 page 1 of 9
RD74VT1G125
Bus Buffer Gate with 3–state output /
Dual Supply Voltage Translator
REJ03D0496–0200
Rev.2.00
Apr. 01, 2005
Description
The RD74VT1G125 has a bus buffer gate with 3–state output in a 6 pin package. Output is disabled when the
associated output enable (
OE) input is high. To ensure the high impedance state during power up or power down, OE
should be connected to VCCIN through a pull-up resistor, the minimum value of the resistor is determined by the current
sinking capability of the driver. The input is designed to track VCCIN, which accepts voltages from 1.2 V to 3.6 V, and
the output is designed to track VCCOUT, which operates at 1.2 V to 3.6 V. Low voltage and high-speed operation is
suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the
battery life.
Features
• This product function as level shift that change V
CCIN input level to VCCOUT output level by providing different
supply voltage to VCCIN and VCCOUT.
• Supplied on emboss taping for high-speed automatic mounting.
• Supply voltage range:
VCCIN = 1.2 V to 3.6 V
VCCOUT = 1.2 V to 3.6 V
• Operating temperature range: −40°C to +85°C
• All inputs V
IH(Max.) = 3.6 V (@VCCIN = 0 V to 3.6 V)
Outputs VO(Max.) = 3.6 V (@VCCOUT = 0 V)
• Output current
±2 mA (@VCCOUT = 1.2 V)
±4 mA (@VCCOUT = 1.4 V to 1.6 V)
±6 mA (@VCCOUT = 1.65 V to 1.95 V)
±18 mA (@VCCOUT = 2.3 V to 2.7 V)
±24 mA (@VCCOUT = 3.0 V to 3.6 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
RD74VT1G125CLE
WCSP–6 pin
SXBG0006KB–A
(TBS–6AV)
CL
E (3,000 pcs / reel)
Article Indication
V B Y M
Marking
Year code
Month code


Similar Part No. - RD74VT1G125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G126 RENESAS-RD74VT1G126 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
RD74VT1G126CLE RENESAS-RD74VT1G126CLE Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
More results

Similar Description - RD74VT1G125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G126 RENESAS-RD74VT1G126 Datasheet
2Mb / 10P
   Bus Buffer Gate with 3-state Output / Dual Supply Voltage Translator
RD74VT1G240 RENESAS-RD74VT1G240 Datasheet
2Mb / 10P
   Bus Buffer Inverted with 3-state Output / Dual Supply Voltage Translator
RD74VT1G245 RENESAS-RD74VT1G245 Datasheet
3Mb / 14P
   Bus Transceiver with 3-state Output / Dual Supply Voltage Translator
HD74ALVC1G125 RENESAS-HD74ALVC1G125_15 Datasheet
122Kb / 15P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74LV1G125A HITACHI-HD74LV1G125A Datasheet
59Kb / 11P
   Bus Buffer Gate with 3-state Output
logo
Renesas Technology Corp
HD74ALVC1G125 RENESAS-HD74ALVC1G125 Datasheet
97Kb / 13P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A Datasheet
95Kb / 12P
   Bus Buffer Gate with 3-state Output
HD74LV1G126A RENESAS-HD74LV1G126A_08 Datasheet
115Kb / 8P
   Bus Buffer Gate with 3-state Output
HD74ALVC1G126 RENESAS-HD74ALVC1G126 Datasheet
92Kb / 13P
   Bus Buffer Gate with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC1G125 HITACHI-HD74ALVC1G125 Datasheet
110Kb / 13P
   Bus Buffer Gate with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com