Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC373BFPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RD74LVC373BFPEL
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC373BFPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RD74LVC373BFPEL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 9Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RD74LVC373B
Rev.1.00 Nov. 26, 2004 page 8 of 9
Waveforms – 4
V
∆V
OH
V
+
∆V
OL
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
GND
Input
G
Waveform - A
Waveform - B
VIH
≈GND
≈1/2 V
TT
Vref
Vref
Vref
Vref
VCC (V)
VIH
Vref
VTT
CL
RL
tr/tf
VCC
VCC
1/2 VCC
2
× VCC
2
× VCC
2
× VCC
1/2 VCC
1/2 VCC
VCC
INPUTS
VCC = 1.8±0.15 V
VCC = 2.5±0.2 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
VCC = 2.7 V
2.7 V
1.5 V
1.0 k
500
500
500
500
6 V
30 pF
30 pF
50 pF
50 pF
50 pF
6 V
0.15 V
0.15 V
0.3 V
0.3 V
0.3 V
∆V
1.5 V
2.7 V
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
≤ 2.5 ns
Notes:
1.
Input waveform: PRR = 10 MHz, duty cycle 50%
2.
Waveform – A shows input conditions such that the output is "L" level when enable by the
output control.
3.
Waveform – B shows input conditions such that the output is "H" level when enable by the
output control.


Similar Part No. - RD74LVC373BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC373BFPEL RENESAS-RD74LVC373BFPEL Datasheet
137Kb / 12P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - RD74LVC373BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com