Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC273BTELL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD74LVC273BTELL
Description  Octal D-type Flip-Flops with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC273BTELL Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD74LVC273BTELL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC273BTELL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RD74LVC273B
Rev.1.00 Jun. 16, 2004 page 3 of 8
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data hold
Supply voltage
VCC
1.65 to 5.5
V
At operation
VI
0 to 5.5
CLK,
CLR, D
0 to VCC
Output “H” or “L”
Input/Output voltage
VO
0 to 5.5
V
VCC: OFF
Operating temperature
Ta
–40 to 85
°C
–4
VCC = 1.65 V
–8
VCC = 2.3 V
–12
VCC = 2.7 V
IOH
–24
mA
VCC = 3.0 V to 5.5 V
4VCC = 1.65 V
8VCC = 2.3 V
12
VCC = 2.7 V
Output current
IOL
24
mA
VCC = 3.0 V to 5.5 V
20
VCC = 1.65 V to 2.7 V
Input rise / fall time*
1
tr / tf
10
ns/V
VCC = 3.0 V to 5.5 V
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Similar Part No. - RD74LVC273BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC273BTELL RENESAS-RD74LVC273BTELL Datasheet
106Kb / 11P
   Octal D-type Flip-Flops with Clear
More results

Similar Description - RD74LVC273BTELL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com