Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC273B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74LVC273B
Description  Octal D-type Flip-Flops with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC273B Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74LVC273B Datasheet HTML 1Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 2Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 3Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 4Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 5Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 6Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 7Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 8Page - Renesas Technology Corp RD74LVC273B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RD74LVC273B
Rev.1.00 Jun. 16, 2004 page 4 of 8
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Max
Unit
Test Conditions
1.65 to 1.95
VCC
× 0.65
2.3 to 2.7
1.7
2.7 to 3.6
2.0
VIH
4.5 to 5.5
VCC
× 0.7
1.65 to 1.95
VCC
× 0.35
2.3 to 2.7
0.7
2.7 to 3.6
0.8
Input voltage
VIL
4.5 to 5.5
VCC
× 0.3
V
1.65 to 5.5
VCC – 0.2
IOH = –100
µA
1.65
1.2
IOH = –4 mA
2.3
1.7
IOH = –8 mA
2.7
2.2
3.0
2.4
IOH = –12 mA
3.0
2.2
VOH
4.5
3.8
IOH = –24 mA
1.65 to 5.5
0.2
IOL = 100
µA
1.65
0.45
IOL = 4 mA
2.3
0.7
IOL = 8 mA
2.7
0.4
IOL = 12 mA
3.0
0.55
Output voltage
VOL
4.5
0.55
V
IOL = 24 mA
Input current
IIN
0 to 5.5
±5.0
µAVIN = 5.5 V or GND
Output leak current
IOFF
0—
±5.0
µAVIN/VOUT = 5.5 V
2.7 to 3.6
±5.0
VIN = 3.6 V to 5.5 V
ICC
2.7 to 5.5
5.0
VIN = VCC or GND
Quiescent supply current
∆ICC
2.7 to 3.6
500
µA
VIN = one input at (VCC–0.6)V,
other inputs at VCC or GND


Similar Part No. - RD74LVC273B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC273BFPEL RENESAS-RD74LVC273BFPEL Datasheet
106Kb / 11P
   Octal D-type Flip-Flops with Clear
RD74LVC273BTELL RENESAS-RD74LVC273BTELL Datasheet
106Kb / 11P
   Octal D-type Flip-Flops with Clear
RD74LVC273B RENESAS-RD74LVC273B_15 Datasheet
106Kb / 11P
   Octal D-type Flip-Flops with Clear
More results

Similar Description - RD74LVC273B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com