Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC2G08WPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RD74LVC2G08WPE
Description  Dual 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC2G08WPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RD74LVC2G08WPE Datasheet HTML 1Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 2Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 3Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 4Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 5Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 6Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 7Page - Renesas Technology Corp RD74LVC2G08WPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD74LVC2G08
Rev.1.00 Jul 26, 2006 page 5 of 7
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
2.4
8.0
ns
CL = 30 pF, RL = 1.0 k
A, B
Y
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.1
5.5
ns
CL = 30 pF, RL = 500
A, B
Y
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.0
4.5
ns
CL = 50 pF, RL = 500
A, B
Y
VCC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
Propagation delay time
tPLH
tPHL
1.0
4.0
ns
CL = 50 pF, RL = 500
A, B
Y
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
19
2.5
19
3.3
20
Power dissipation
capacitance
CPD
5.0
22
pF
f = 10 MHz
Test Circuit
Note: CL includes probe and jig capacitance.
CL
Measurement point
RL
*
From Output


Similar Part No. - RD74LVC2G08WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
RD74LVC2G02WPE RENESAS-RD74LVC2G02WPE Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
RD74LVC2G07WPE RENESAS-RD74LVC2G07WPE Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
More results

Similar Description - RD74LVC2G08WPE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
NXP Semiconductors
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
   Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com