Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC1G86WPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RD74LVC1G86WPE
Description  2-input Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC1G86WPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RD74LVC1G86WPE Datasheet HTML 1Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 2Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 3Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 4Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 5Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 6Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 7Page - Renesas Technology Corp RD74LVC1G86WPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RD74LVC1G86
Rev.1.00 Jul 26, 2006 page 5 of 7
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
2.1
9.1
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
3.5
9.9
ns
CL = 30 pF, RL = 1.0 k
A or B
Y
VCC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
1.0
4.5
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.8
5.5
ns
CL = 30 pF, RL = 500
A or B
Y
VCC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
0.6
4.0
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.3
5.0
ns
CL = 50 pF, RL = 500
A or B
Y
VCC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test Conditions
FROM
(Input)
TO
(Output)
0.8
3.3
CL = 15 pF, RL = 1 M
Propagation delay time
tPLH
tPHL
1.0
4.0
ns
CL = 50 pF, RL = 500
A or B
Y
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.8
20
2.5
20
3.3
21
Power dissipation capacitance
CPD
5.0
22
pF
f = 10 MHz
Test Circuit
Note: CL includes probe and jig capacitance.
CL
Measurement point
RL
*
From Output


Similar Part No. - RD74LVC1G86WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G04 RENESAS-RD74LVC1G04 Datasheet
2Mb / 8P
   Inverter
More results

Similar Description - RD74LVC1G86WPE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com