Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66597FP Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8A66597FP
Description  ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66597FP Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8A66597FP Datasheet HTML 45Page - Renesas Technology Corp R8A66597FP Datasheet HTML 46Page - Renesas Technology Corp R8A66597FP Datasheet HTML 47Page - Renesas Technology Corp R8A66597FP Datasheet HTML 48Page - Renesas Technology Corp R8A66597FP Datasheet HTML 49Page - Renesas Technology Corp R8A66597FP Datasheet HTML 50Page - Renesas Technology Corp R8A66597FP Datasheet HTML 51Page - Renesas Technology Corp R8A66597FP Datasheet HTML 52Page - Renesas Technology Corp R8A66597FP Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 185 page
background image
R8A66597FP/DFP/BG
Rev 1.01
Oc t 17, 2008
page 49 of 183
♦ Interrupt enabled register 2 [INTENB2]
<Address: 34H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OVRCRE BCHGE
DTCHE ATTCHE
EOFERRE
0
0
?
0
0
?
?
?
?
0
?
?
?
?
?
?
-
-
?
-
-
?
?
?
?
-
?
?
?
?
?
?
Bit
Name
Function
Software Hardware Remarks
15
OVRCRE
Port1 OVRCR interrupt enabled
Specify INT_N assert disabled/enabled while
detecting Port1 OVRCR interrupt.
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
H
(Write to
"0" when
P)"
14
BCHGE
Port1 USB bus change interrupt
enabled
Specify INT_N assert disabled/enabled while
detecting Port1 BCHG interrupt.
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
H
(Write to
"0" when
P)"
13
Unassigned. Fix to "0".
12
DTCHE
Port1 detach detect interrupt enabled
Specify INT_N assert disabled/enabled while
detecting Port1 DTCH interrupt (enabled only if
HOST).
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
H
(Write to
"0" when
P)"
11
ATTCHE
Port1 attach detect interrupt enabled
Specify INT_N assert disabled/enabled while
detecting Port1 ATTCH interrupt.
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
H
(Write to
"0" when
P)"
10-7 Unassigned. Fix to "0".
6
EOFERRE
Port1 EOF error detect
interrupt
enabled
Specify INT_N assert disabled/enabled while
detecting Port1 EOFERR interrupt.
0: Interrupt output disabled
1: Interrupt output enabled
R/W
R
H
(Write to
"0" when
P)"
5-0
Unassigned. Fix to "0".
Remarks
* The interrupt enabled by the INTENB2 register can be written to only when the Host Controller function is selected. Do not
enable it when the Peripheral Controller function is selected.
2.9.1
Interrupt enabled registers 0, 1, 2 (INTENB0, INTENB1, INTENB2)
When the controller detects the interrupt corresponding to the bit for which the software has written "1" to the register,
the controller asserts an interrupt from the INT_N pin.
The controller sets "1" to this status bit corresponding to the INTSTS0, INTSTS1 and INTSTS2 registers when the
detection conditions of each interrupt factor are satisfied, irrespective of the setup value of the register (interrupt
notification disabled/enabled).
When the status bit of the INTSTS0, INTSTS1 and INTSTS2 registers corresponding to each interrupt factor are set to
"1", if the software modifies the interrupt enabled bit corresponding to the register from "0" to "1", the controller asserts
the interrupt from the INT_N pin.


Similar Part No. - R8A66597FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
More results

Similar Description - R8A66597FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66597 RENESAS-R8A66597 Datasheet
1Mb / 187P
   ASSP (USB2.0 2 Port Host/1 Port Peripheral Controller)
Oct 17, 2008
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
M66291GP RENESAS-M66291GP Datasheet
892Kb / 126P
   ASSP (USB2.0 Device Controller)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com