Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66171SP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R8A66171SP
Description  A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66171SP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R8A66171SP Datasheet HTML 6Page - Renesas Technology Corp R8A66171SP Datasheet HTML 7Page - Renesas Technology Corp R8A66171SP Datasheet HTML 8Page - Renesas Technology Corp R8A66171SP Datasheet HTML 9Page - Renesas Technology Corp R8A66171SP Datasheet HTML 10Page - Renesas Technology Corp R8A66171SP Datasheet HTML 11Page - Renesas Technology Corp R8A66171SP Datasheet HTML 12Page - Renesas Technology Corp R8A66171SP Datasheet HTML 13Page - Renesas Technology Corp R8A66171SP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
R8A66171DD/SP
REJ03F269-0100 Rev.1.00 Feb.19.2008
Page 10 of 22
COMMAND-INSTRUCTION FORMAT
The commands are decoded by D7 and D6.
Note 1 : Priority is given to parity enable, if parity enable and CRC enable are both "1" (D3, D2=1).
Note 2 : TxD output wave is Stop bit (D5) setup value +1 (always).
D7
0
D6
0
D5
D4
D3
D2
D1
D0
ST
EP
PEN
CRCEN
BAUD
PS
Command1
1 : 1/32 division
0 : 1/2 division
1 : 2 bits
0 : 1 bit
1 : Even parity
0 : Odd parity
1 : Enable
0 : Disable
1 : To command2
(Baud rate setting)
Prescaler
Baud rate setting
CRC enable
Parity enable
Parity check
Stop bit
Note2
1 : Enable
0 : Disable
Command2 (Baud rate setting. The second byte when D1 bit of the command1 is set to "1".)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
0
~
~
~
~
~
~
~
~
~
1
1
1
1
1
1
1
1
255
n
Command3 (Block length setting)
0
1
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
~
~
~
~
~
~
~
1
1
1
1
1
1
63
m
D7
D6


Similar Part No. - R8A66171SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66170DD RENESAS-R8A66170DD Datasheet
521Kb / 21P
   4-CH 16-BIT PWM GENERATOR
R8A66170SP RENESAS-R8A66170SP Datasheet
521Kb / 21P
   4-CH 16-BIT PWM GENERATOR
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
   4-CH 12-BIT PWM GENERATOR
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
More results

Similar Description - R8A66171SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66230P MITSUBISHI-M66230P Datasheet
608Kb / 19P
   A2RT(ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469 Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com