Electronic Components Datasheet Search |
|
M38K21MAL-XXXFP Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
M38K21MAL-XXXFP Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 151 page 38K2 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER REJ03B0193-0300 Rev.3.00 Oct 15, 2006 Rev.3.00 Oct 15, 2006 page 1 of 147 REJ03B0193-0300 Package type : PLQP0064GA-A (64P6U-A)/PLQP0064KB-A (64P6Q-A) Fig. 1 Pin configuration of 38K2 group PIN CONFIGURATION (TOP VIEW) DESCRIPTION The 38K2 group is the 8-bit microcomputer based on the 740 fam- ily core technology. The 38K2 group has the USB function, an 8-bit bus interface, a Serial Interface, three 8-bit timers, and an 8-channel 10-bit A/D converter, which are available for the PC peripheral I/O device. The various microcomputers in the 38K2 group include variations of internal memory size and packaging. For details, refer to the section on part numbering. FEATURES •Basic machine-language instructions ....................................... 71 •The minimum instruction execution time .......................... 0.25 µs (at 8 MHz system clock✻) System clock✻: Reference frequency to internal circuit except USB function •Memory size ROM ................................................................ 16 K to 32 K bytes RAM ............................................................... 1024 to 2048 bytes •Programmable input/output ports ............................................. 44 •Software pull-up resistors •Interrupts .................................................. 16 sources, 16 vectors •USB function (Full-Speed USB2.0 specification) ...... 4 endpoints •USB HUB function (Full-Speed USB2.0 specification) .... 2 down ports •External bus interface ....................................... 8-bit ✕ 1 channel •Timers ............................................................................. 8-bit ✕ 3 •Watchdog timer ............................................................. 16-bit ✕ 1 •Serial Interface Serial I/O ....................... 8-bit ✕ 1 (UART or Clock-synchronized) •A/D converter ................................................ 10-bit ✕ 8 channels (8-bit reading available) •LED direct drive port ................................................................... 4 •Clock generating circuit (connect to external ceramic resonator or quartz-crystal oscillator) •Power source voltage (L version) System clock/Internal clock division mode At 12 MHz/2-divide mode( φ = 6 MHz) ................... 4.00 to 5.25 V At 8 MHz/Through mode ( φ = 8 MHz) ................... 4.00 to 5.25 V At 6 MHz/Through mode ( φ = 6 MHz) ................... 3.00 to 5.25 V •Power dissipation At 5 V power source voltage .................................. 125 mW (typ.) (at 8 MHz system clock, in through mode) At 3.3 V power source voltage ................................ 30 mW (typ.) (at 6 MHz system clock, in through mode) •Operating temperature range .................................... –20 to 85°C •Packages FP ............................ PLQP0064GA-A (64-pin 14 ✕ 14 mm LQFP) HP ............................ PLQP0064KB-A (64-pin 10 ✕ 10 mm LQFP) 32 31 30 29 28 26 25 24 23 22 21 20 19 18 17 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 27 64 TrON D2+ D2- D1+ D1- D0- D0+ USBVREF DVCC PVCC PVSS P10/DQ0/AN0 P06 P07 P40/EXDREQ/RXD P11/DQ1/AN1 P61(LED1) P62(LED2) P63(LED3) P41/EXDACK/TXD P42/EXTC/SCLK P43/EXA1/SRDY P30 P31 P32 P33/EXINT P34/EXCS P35/EXWR P36/EXRD P37/EXA0 P24 P25 M38K27M4L-XXXFP/HP M38K29F8LFP/HP |
Similar Part No. - M38K21MAL-XXXFP |
|
Similar Description - M38K21MAL-XXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |