Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66120FFA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R8A66120FFA
Description  4M-bit x 2 MULTIPLE FIELD MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66120FFA Datasheet(HTML) 2 Page - Renesas Technology Corp

  R8A66120FFA Datasheet HTML 1Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 2Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 3Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 4Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 5Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 6Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 7Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 8Page - Renesas Technology Corp R8A66120FFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
R8A66120FFA
REJ03F0161-0170 Rev.1.70 May.16.2008
page 2 of 14
DA<3:0>
MEMORY ARRAY
Mode setting input
MODE
DB<3:0>
256K-word x 16-bit
Vcc
GND
Test setting input
TEST<2:1>
Data input
Write control inputs
for A-system
WRESA
WEA
Power on reset input
POR
MODE CONTROL CIRCUIT
INPUT BUFFER
OUTPUT BUFFER
QA<3:0>
QB<3:0>
Data output
MODE CONTROL CIRCUIT
256K-word x 16-bit
Write control inputs
for B-system
WRESB
WEB
Read control inputs
for A-system
RRESA
REA
Read control inputs
for B-system
RRESB
REB
Clock inputs
CKA
CKB
Block Diagram


Similar Part No. - R8A66120FFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66153FP RENESAS-R8A66153FP Datasheet
458Kb / 10P
   PROGRAMMABLE BUFFERED I/O EXPANDER
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
More results

Similar Description - R8A66120FFA

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL440B AVERLOGIC-AL440B Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
logo
Samsung semiconductor
K9F3208W0A- SAMSUNG-K9F3208W0A- Datasheet
558Kb / 27P
   4M x 8 Bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
KM29V32000TS SAMSUNG-KM29V32000TS Datasheet
1Mb / 25P
   4M X 8 BIT NAND FLASH MEMORY
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com