Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20601NP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2J20601NP
Description  Driver - MOS FET Integrated SiP (DrMOS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20601NP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2J20601NP_08 Datasheet HTML 1Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 2Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 3Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 4Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 5Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 6Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 7Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 8Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
R2J20601NP
REJ03G0237-0700 Rev.7.00 Jun 30, 2008
Page 3 of 13
Pin Arrangement
PWM
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
VSWH
CGND
GL
NC
Reg5V
DISBL#
VIN
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VSWH
VIN
VIN
VIN
VIN
VIN
(Top view)
VSWH
1
14
13
12
11
10
9
8
7
6
5
4
3
2
42
29
30
31
32
33
34
35
36
37
38
39
40
41
56
43
44
45
46
47
48
49
50
51
52
53
54
55
15
27
28
26
25
24
23
22
21
20
19
18
17
16
CGND
VIN
Note: All die-pads (three pads in total) should be soldered to PCB.
Pin Description
Pin Name
Pin No.
Description
Remarks
CGND
1, 6, 51, Tab
Control signal ground
Should be connected to PGND externally
NC
2, 53
No connect
VLDRV
3
Low side gate supply voltage
For 5 V to 12 V gate drive voltage for Low side
gate driver
VCIN
4
Control input voltage (+12 V input)
Driver Vcc input
BOOT
5
Bootstrap voltage pin
To be supplied +5 V through internal SBD
GH
7
High side gate signal
Pin for Monitor
VIN
8 to 20, Tab
Input voltage
VSWH
21, 40 to 50, Tab
Phase output/Switch output
PGND
22 to 39
Power ground
GL
52
Low side gate signal
Pin for Monitor
Reg5V
54
+5 V logic power supply output
DISBL#
55
Signal disable
Disabled when DISBL# is “L”
PWM
56
PWM drive logic input


Similar Part No. - R2J20601NP_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
More results

Similar Description - R2J20601NP_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20605ANP RENESAS-R2J20605ANP Datasheet
161Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com