Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0008RXDQS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RQA0008RXDQS
Description  Silicon N-Channel MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0008RXDQS Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQA0008RXDQS Datasheet HTML 1Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 2Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 3Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 4Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 5Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 6Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 7Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 8Page - Renesas Technology Corp RQA0008RXDQS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.1.00 Oct 16, 2006 page 1 of 12
RQA0008RXDQS
Silicon N-Channel MOS FET
REJ03G1326-0100
Rev.1.00
Oct 16, 2006
Features
• High Output Power, High Gain, High Efficiency
Pout = +36 dBm, Linear Gain = 18 dB, PAE = 65% (f = 520 MHz)
• Compact package capable of surface mounting
Outline
1
2
3
4
1. Gate
2. Source
3. Drain
4. Source
1
3
2, 4
RENESAS Package code: PLZZ0004CA-A
(Package Name : UPAK    )
R
Note:
Marking is “RX”.
*UPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
16
V
Gate to source voltage
VGSS
±5
V
Drain current
ID
2.4
A
Channel dissipation
Pch
note1
10
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note1: Value at Tc = 25
°C
This Device is sensitive to Electro Static Discharge. An Adequate careful handling procedure is requested.


Similar Part No. - RQA0008RXDQS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0008RXDQS RENESAS-RQA0008RXDQS_15 Datasheet
219Kb / 15P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0008RXDQS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com