Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ5.6B2KJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKZ5.6B2KJ
Description  Silicon Planar Zener Diode for Surge Absorption and Stabilizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ5.6B2KJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKZ5.6B2KJ Datasheet HTML 1Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 2Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 3Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 4Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 5Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 6Page - Renesas Technology Corp RKZ5.6B2KJ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RKZ-KJ Series
REJ03G1588-0100 Rev.1.00 Sep 21, 2007
Page 4 of 6
Main Characteristic
250
200
150
100
50
200
150
100
50
0
0
Ambient Temperature Ta (°C)
Fig.3 Power Dissipation vs. Ambient Temperature
05
10
15 20
50
40
30
20
10
0
-10
-20
-30
-40
-50
0.10
0.08
0.06
0.04
0.02
-0.02
-0.04
-0.06
-0.08
-0.10
0
Polyimide board
1.5
20hx15wx0.8t
1.5
unit: mm
10
8
6
4
2
0
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
4
0
8
12
16
20
24
28
32
40
36
Zener Voltage VZ (V)
Fig.1 Zener current vs. Zener voltage
mV/
°C
%/
°C
25 30
35 40


Similar Part No. - RKZ5.6B2KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ5.6BKU RENESAS-RKZ5.6BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ5.6BKV RENESAS-RKZ5.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ5.6BKV RENESAS-RKZ5.6BKV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ5.6B2KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KK RENESAS-RKZ-KK Datasheet
75Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com