Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0004LXTL-E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RQA0004LXTL-E
Description  Silicon N-Channel MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0004LXTL-E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RQA0004LXTL-E Datasheet HTML 3Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 4Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 5Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 6Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 7Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 8Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 9Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 10Page - Renesas Technology Corp RQA0004LXTL-E Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RQA0004LXAQS
REJ03G1567-0100 Rev.1.00 Jul 04, 2007
Page 7 of 12
S Parameter
(VDS = 6 V, IDQ = 25 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.959
-37.1
15.64
150.5
0.021
68.6
0.793
-24.9
150
0.921
-53.7
13.98
137.6
0.030
51.0
0.772
-42.1
200
0.900
-68.0
12.68
128.1
0.034
40.6
0.732
-54.4
250
0.880
-80.1
11.49
119.6
0.038
31.7
0.701
-64.6
300
0.875
-90.8
10.21
112.2
0.040
24.1
0.685
-73.2
350
0.857
-99.6
9.32
105.9
0.042
17.3
0.663
-80.8
400
0.844
-107.8
8.53
99.4
0.043
11.5
0.649
-87.5
450
0.836
-114.7
7.76
93.6
0.044
6.1
0.642
-93.1
500
0.827
-120.7
7.12
88.2
0.044
1.3
0.639
-98.3
550
0.824
-125.9
6.56
83.3
0.043
-3.1
0.637
-103.0
600
0.821
-130.4
6.06
78.7
0.043
-7.0
0.641
-107.4
650
0.818
-134.3
5.63
74.4
0.042
-10.7
0.645
-111.3
700
0.813
-138.3
5.20
70.4
0.041
-14.2
0.651
-115.1
750
0.816
-142.1
4.83
66.5
0.040
-17.5
0.659
-118.7
800
0.817
-145.5
4.50
62.6
0.040
-20.5
0.667
-122.0
850
0.820
-148.4
4.19
59.2
0.039
-23.3
0.674
-125.3
900
0.826
-150.9
3.93
55.7
0.037
-25.8
0.684
-128.3
950
0.830
-153.2
3.70
52.4
0.036
-28.5
0.693
-131.4
1000
0.834
-155.8
3.50
49.4
0.035
-30.8
0.703
-134.3
1050
0.841
-158.3
3.31
46.4
0.034
-33.1
0.713
-137.1
1100
0.847
-160.3
3.12
44.0
0.033
-35.4
0.722
-139.6
1150
0.852
-162.3
2.96
41.3
0.031
-37.3
0.730
-142.2
1200
0.856
-164.4
2.80
38.8
0.030
-39.1
0.739
-144.7
1250
0.865
-165.9
2.63
36.5
0.029
-41.0
0.747
-147.0
1300
0.862
-167.5
2.49
33.8
0.028
-42.5
0.756
-149.3
1350
0.860
-169.6
2.35
30.9
0.026
-43.9
0.762
-151.6
1400
0.860
-171.5
2.24
28.5
0.025
-45.5
0.771
-153.8
1450
0.862
-173.2
2.12
26.1
0.024
-46.8
0.777
-155.8
1500
0.863
-175.2
2.02
23.6
0.023
-48.1
0.781
-158.1
1550
0.866
-176.9
1.93
21.6
0.022
-49.2
0.788
-160.3
1600
0.871
-178.4
1.84
19.3
0.020
-49.9
0.793
-162.4
1650
0.875
-179.8
1.76
17.2
0.019
-50.8
0.796
-164.3
1700
0.873
178.5
1.68
14.8
0.018
-51.4
0.802
-166.5
1750
0.876
176.5
1.61
12.7
0.017
-51.4
0.810
-168.5
1800
0.883
174.5
1.56
10.4
0.016
-51.6
0.815
-170.3
1850
0.889
173.0
1.50
8.5
0.015
-51.7
0.816
-172.5
1900
0.897
171.7
1.44
6.7
0.014
-50.9
0.823
-174.6
1950
0.905
170.4
1.38
5.1
0.013
-50.1
0.832
-176.4
2000
0.909
169.7
1.33
3.6
0.012
-49.2
0.833
-178.0
2050
0.905
168.7
1.27
2.1
0.011
-47.0
0.837
179.9
2100
0.899
167.3
1.21
0.1
0.010
-45.2
0.843
177.9
2150
0.898
165.3
1.17
-1.8
0.009
-42.2
0.850
176.5
2200
0.902
163.9
1.12
-3.8
0.008
-37.3
0.851
174.7
2250
0.906
162.2
1.09
-6.0
0.008
-33.6
0.854
172.8
2300
0.908
160.9
1.05
-7.9
0.007
-28.1
0.860
171.0
2350
0.908
159.5
1.02
-9.8
0.007
-22.0
0.863
169.5
2400
0.907
158.5
0.98
-11.5
0.007
-16.1
0.863
167.8
2450
0.898
157.1
0.95
-13.3
0.007
-9.5
0.866
166.0
2500
0.898
154.9
0.92
-15.0
0.007
-2.6
0.872
164.4


Similar Part No. - RQA0004LXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0004LXAQS RENESAS-RQA0004LXAQS_11 Datasheet
147Kb / 15P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0004LXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com