Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNB4580F Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RNB4580F
Description  Dual Low Noise Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNB4580F Datasheet(HTML) 5 Page - Renesas Technology Corp

  RNB4580F Datasheet HTML 1Page - Renesas Technology Corp RNB4580F Datasheet HTML 2Page - Renesas Technology Corp RNB4580F Datasheet HTML 3Page - Renesas Technology Corp RNB4580F Datasheet HTML 4Page - Renesas Technology Corp RNB4580F Datasheet HTML 5Page - Renesas Technology Corp RNB4580F Datasheet HTML 6Page - Renesas Technology Corp RNB4580F Datasheet HTML 7Page - Renesas Technology Corp RNB4580F Datasheet HTML 8Page - Renesas Technology Corp RNB4580F Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RNB4580 Series
Rev.1.00 Dec 25, 2006 page 5 of 8
Typical Characteristics Curves
10 kHz
Frequency f (Hz)
Figure 1. Open Loop Voltage Gain vs. Frequency
Figure 2. Output Swing Voltage vs. Frequency
1
100
10 k
10
1 k
100 k 1 M 10 M
Load resistance (
Ω)
100
1 k
10 k
Frequency f (Hz)
100
1 k
10 k
100 k
1 M
10
20
5
15
0
Figure 3. Output Swing Voltage vs. Load Resistance
Temperature Ta (°C)
–50
25
0
–25
75
125
50
100
Frequency f (Hz)
1
10
100
1 k
10
16
22
12
18
26
30
14
20
24
28
Figure 5. Input Offset Voltage vs. Temperature
Figure 6. Total Harmonic Distortion vs. Output Voltage
Output voltage VO (Vrms)
0.1
1
10
–1
–0.5
0
0.5
1
1.5
2
0
20
40
60
80
100
120
0
5
10
15
20
25
30
VCC = +15 V,
VEE = –15 V,
Ta = 25°C,
RL = 2 kΩ
VCC = +15 V,
VEE = –15 V,
Ta = 25°C,
RL = 2 kΩ
VCC = +15 V,
VEE = –15 V,
Ta = 25°C,
RL = 2 kΩ
VCC = +15 V,
VEE = –15 V,
Ta = 25°C
20 kHz
1 kHz
Figure 4. Equivalent Input Noise Voltage vs. Frequency
VCC = +15 V,
VEE = –15 V,
Ta = 25°C,
RS = 100 Ω
VCC = +15 V,
VEE = –15 V
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01


Similar Part No. - RNB4580F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
More results

Similar Description - RNB4580F

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com