Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKZ27TWAQE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RKZ27TWAQE
Description  Silicon Epitaxial Planar Zener Diode for Bidirectional Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKZ27TWAQE Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKZ27TWAQE
REJ03G1666-0200 Rev.2.00 Oct 14, 2008
Page 2 of 4
Absolute Maximum Ratings *
1
(Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note
: 1 package total, See Fig.2.
Electrical Characteristics *
1
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
VZ
26.2
31.5
V
IZ = 1 mA, 40 ms pulse
Reverse current
IR
0.1
μA
VR = 24 V
Capacitance
C
30
pF
VR = 0 V, f = 1 MHz
ESD-Capability *
2
30
kV
C = 150 pF, R = 330
Ω, Both forward
and reverse direction 10 pulse
Notes
: 1. Per one device
2. Failure criterion ; IR > 0.1 μA at VR = 24 V. (Both direction)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn