Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ27TKG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKZ27TKG
Description  Silicon Epitaxial Planar Zener Diode for Bidirectional Surge Absorption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ27TKG Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKZ27TKG Datasheet HTML 1Page - Renesas Technology Corp RKZ27TKG Datasheet HTML 2Page - Renesas Technology Corp RKZ27TKG Datasheet HTML 3Page - Renesas Technology Corp RKZ27TKG Datasheet HTML 4Page - Renesas Technology Corp RKZ27TKG Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKZ27TKG
REJ03G1665-0100 Rev.1.00 May 07, 2008
Page 3 of 4
Main Characteristic
250
200
150
100
50
200
150
100
50
0
0
Fig.2 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (°C)
Polyimide board
1.5
20h
×15w×0.8t
1.5
unit: mm
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
05
30
20
15
10
10
–5
10
–6
10
–3
10
–2
25
10
-8
10
-7
10
-4


Similar Part No. - RKZ27TKG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ27TWAQE RENESAS-RKZ27TWAQE Datasheet
80Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Bidirectional Surge Absorption
More results

Similar Description - RKZ27TKG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ27TWAQE RENESAS-RKZ27TWAQE Datasheet
80Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKJ RENESAS-RKZ6.8TKJ Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8TKK RENESAS-RKZ6.8TKK Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Bidirectional Surge Absorption
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com