Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKV651KK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RKV651KK
Description  Variable Capacitance Diode for FM tuner IC
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKV651KK Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKV651KK
Rev.1.00 Oct 14, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
10
VR = 10 V
Reverse current
IR2
100
nA
VR = 10 V, Ta = 60
°C
C0.2
29.5
33.0
VR = 0.2 V, f = 1 MHz
Capacitance
C2.3
7.80
10.7
pF
VR = 2.3 V, f = 1 MHz
Capacitance ratio
n
2.90
4.10
C0.2 / C2.3
Series resistance
rS
0.6
VR = 1 V, f = 470 MHz
Note
: For SFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVC316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVD316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVU326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV500KJVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV502KGVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVU417CVariable Capacitance Diode for tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KKVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KGVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV501KJVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC300CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn