Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKV607KP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RKV607KP
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKV607KP Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RKV607KP
REJ03G1478-0100 Rev.1.00 Dec 17, 2007
Page 3 of 4
Main Characteristic
016
20
10
–6
10
–8
10
–10
48
12
10
–13
10
–12
10
–11
10
–7
10
–9
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
0
0.6
0.2
0.4
0.8
05
4
3
2
1
1.0
f = 470MHz
f = 1MHz
0
45
12
3
0
1
2
3
4
5


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVU383BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVL385CVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV607KLVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVL375CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV600KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV601KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD372BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV602KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVC375BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn