Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS6NF20V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS6NF20V
Description  N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS6NF20V Datasheet(HTML) 1 Page - STMicroelectronics

  STS6NF20V Datasheet HTML 1Page - STMicroelectronics STS6NF20V Datasheet HTML 2Page - STMicroelectronics STS6NF20V Datasheet HTML 3Page - STMicroelectronics STS6NF20V Datasheet HTML 4Page - STMicroelectronics STS6NF20V Datasheet HTML 5Page - STMicroelectronics STS6NF20V Datasheet HTML 6Page - STMicroelectronics STS6NF20V Datasheet HTML 7Page - STMicroelectronics STS6NF20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2002
.
STS6NF20V
N-CHANNEL 20V - 0.030
Ω - 6A SO-8
2.7V-DRIVE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.030 Ω @ 4.5 V
s
TYPICAL RDS(on) = 0.037 Ω @ 2.7 V
s
ULTRA LOW THRESHOLD
GATE DRIVE (2.7 V)
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
TYPE
VDSS
RDS(on)
ID
STS6NF20V
20 V
< 0.040
Ω ( @ 4.5 V )
< 0.045
Ω ( @ 2.7 V )
6 A
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
20
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
20
V
VGS
Gate- source Voltage
± 12
V
ID
Drain Current (continuous) at TC = 25°C
6A
ID
Drain Current (continuous) at TC = 100°C
3.8
A
IDM(•)
Drain Current (pulsed)
24
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS6NF20V

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
STS6NF20V KEXIN-STS6NF20V Datasheet
236Kb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
STS6NF20V VBSEMI-STS6NF20V Datasheet
928Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - STS6NF20V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
   N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET??II POWER MOSFET
STC5NF20V_0710 STMICROELECTRONICS-STC5NF20V_0710 Datasheet
267Kb / 12P
   N-channel 20V - 0.030廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
STS2DPF20V STMICROELECTRONICS-STS2DPF20V Datasheet
117Kb / 6P
   DUAL P-CHANNEL 20V - 0.14ohm - 2A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
   N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET??II POWER MOSFET
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET??II MOSFET PLUS SCHOTTKY DIODE
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
   P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
   N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com