Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1RW0416DI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. R1RW0416DI
Description  Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1RW0416DI Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1RW0416DI Datasheet HTML 1Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 2Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 3Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 4Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 5Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 6Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 7Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 8Page - Renesas Technology Corp R1RW0416DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.1.00, Mar.12.2004, page 1 of 12
R1RW0416DI Series
Wide Temperature Range Version
4M High Speed SRAM (256-kword
× 16-bit)
REJ03C0109-0100Z
Rev. 1.00
Mar.12.2004
Description
The R1RW0416DI is a 4-Mbit high speed static RAM organized 256-kword
× 16-bit. It has realized high
speed access time by employing CMOS process (6-transistor memory cell) and high speed circuit
designing technology. It is most appropriate for the application which requires high speed, high density
memory and wide bit width configuration, such as cache and buffer memory in system. The R1RW0416DI
is packaged in 400-mil 44-pin SOJ and 400-mil 44-pin plastic TSOPII for high density surface mounting.
Features
• Single 3.3 V supply: 3.3 V ± 0.3 V
• Access time: 12 ns (max)
• Completely static memory
 No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
 All inputs and outputs
• Operating current: 130 mA (max)
• TTL standby current: 40 mA (max)
• CMOS standby current: 5 mA (max)
• Center V
CC and VSS type pin out
• Temperature range: −40 to +85°C
Ordering Information
Type No.
Access time
Package
R1RW0416DGE-2PI
12 ns
400-mil 44-pin plastic SOJ (44P0K)
R1RW0416DSB-2PI
12 ns
400-mil 44-pin plastic TSOPII (44P3W-H)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn