Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1RW0416DI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. R1RW0416DI
Description  Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1RW0416DI Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R1RW0416DI Series
Rev.1.00, Mar.12.2004, page 6 of 12
AC Characteristics
(Ta =
−40 to +85°C, V
CC = 3.3 V ± 0.3 V, unless otherwise noted.)
Test Conditions
• Input pulse levels: 3.0 V/0.0 V
• Input rise and fall time: 3 ns
• Input and output timing reference levels: 1.5 V
• Output load: See figures (Including scope and jig)
Output load (B)
(for tCLZ, tOLZ, tBLZ, tCHZ, tOHZ,
tBHZ, tWHZ, and tOW)
DOUT
353
319
3.3 V
5 pF
1.5 V
30 pF
DOUT
RL = 50
Output load (A)
Zo = 50
Read Cycle
R1RW0416DI
-2
Parameter
Symbol
Min
Max
Unit
Notes
Read cycle time
t
RC
12
ns
Address access time
t
AA
12
ns
Chip select access time
t
ACS
12
ns
Output enable to output valid
t
OE
6
ns
Byte select to output valid
t
BA
6
ns
Output hold from address change
t
OH
3
ns
Chip select to output in low-Z
t
CLZ
3
ns
1
Output enable to output in low-Z
t
OLZ
0
ns
1
Byte select to output in low-Z
t
BLZ
0
ns
1
Chip deselect to output in high-Z
t
CHZ
6
ns
1
Output disable to output in high-Z
t
OHZ
6
ns
1
Byte deselect to output in high-Z
t
BHZ
6
ns
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn