Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1RW0416DI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. R1RW0416DI
Description  Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

R1RW0416DI Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
R1RW0416DI Series
Rev.1.00, Mar.12.2004, page 4 of 12
Operation Table
CS# OE# WE# LB# UB# Mode
V
CC current
I/O1
−−−−I/O8
I/O9
−−−−I/O16
Ref. Cycle
H
×
×
×
×
Standby
I
SB, ISB1
High-Z
High-Z
L
H
H
×
×
Output disable
I
CC
High-Z
High-Z
L
L
H
L
L
Read
I
CC
Output
Output
Read cycle
L
L
H
L
H
Lower byte read I
CC
Output
High-Z
Read cycle
L
L
H
H
L
Upper byte read I
CC
High-Z
Output
Read cycle
L
L
H
H
H
I
CC
High-Z
High-Z
L
×
L
L
L
Write
I
CC
Input
Input
Write cycle
L
×
L
L
H
Lower byte write I
CC
Input
High-Z
Write cycle
L
×
L
H
L
Upper byte write I
CC
High-Z
Input
Write cycle
L
×
L
H
H
I
CC
High-Z
High-Z
Note:
H: V
IH, L:
V
IL, ×:
V
IH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to V
SS
V
CC
−0.5 to +4.6
V
Voltage on any pin relative to V
SS
V
T
−0.5*1 to V
CC + 0.5*
2
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C
Storage temperature under bias
Tbias
−40 to +85
°C
Notes: 1. V
T (min) = −2.0 V for pulse width (under shoot) ≤ 6 ns
2. V
T (max) = VCC + 2.0 V for pulse width (over shoot) ≤ 6 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn