Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1RP0408DI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. R1RP0408DI
Description  Wide Temperature Range Version 4M High Speed SRAM (512-kword × 8-bit)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1RP0408DI Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1RP0408DI Datasheet HTML 1Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 2Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 3Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 4Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 5Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 6Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 7Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 8Page - Renesas Technology Corp R1RP0408DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
R1RP0408DI Series
Rev.1.00, Mar.12.2004, page 5 of 10
DC Characteristics
(Ta =
−40 to +85°C, V
CC = 5.0 V ± 10 %, VSS = 0 V)
Parameter
Symbol
Min
Max
Unit
Test conditions
Input leakage current
II
LII
2
µA
V
IN = VSS to VCC
Output leakage current
II
LOI
2
µA
V
IN = VSS to VCC
Operation power supply current
I
CC
130
mA
Min cycle
CS# = V
IL, lOUT = 0 mA
Other inputs = V
IH/VIL
Standby power supply current
I
SB
40
mA
Min cycle, CS# = V
IH,
Other inputs = V
IH/VIL
I
SB1
5
mA
f = 0 MHz
V
CC
≥ CS# ≥ V
CC
− 0.2 V,
(1) 0 V
≤ V
IN ≤ 0.2 V or
(2) V
CC ≥ VIN ≥ VCC − 0.2 V
Output voltage
V
OL
0.4
V
I
OL = 8 mA
V
OH
2.4
V
I
OH = −4 mA
Capacitance
(Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Max
Unit
Test conditions
Input capacitance*
1
C
IN
6
pF
V
IN = 0 V
Input/output capacitance*
1
C
I/O
8
pF
V
I/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn