Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3210STL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK3210STL
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3210STL Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK3210STL Datasheet HTML 1Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 2Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 3Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 4Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 5Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 6Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 7Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 8Page - Renesas Technology Corp 2SK3210STL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00 Sep. 30, 2004 page 1 of 8
2SK3210(L), 2SK3210(S)
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G0414-0300
(Previous ADE-208-760A (Z))
Rev.3.00
Sep. 30, 2004
Features
• Low on-resistance
RDS = 40 m
Ω typ.
• High speed switching
• 4 V gate drive device can be driven from 5 V source
Outline
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
LDPAK
D
G
S
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
150
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
30
A
Drain peak current
ID (pulse)
Note1
120
A
Body-drain diode reverse drain current
IDR
30
A
Avalanche current
IAP
Note3
30
A
Avalanche energy
EAR
Note3
67
mJ
Channel dissipation
Pch
Note2
100
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10ms, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
3. Value at Tch = 25
°C, Rg ≥ 50 Ω


Similar Part No. - 2SK3210STL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3210S HITACHI-2SK3210S Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3210S ISC-2SK3210S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3210STL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com