Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3210 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK3210
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3210 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3210 Datasheet HTML 1Page - Renesas Technology Corp 2SK3210 Datasheet HTML 2Page - Renesas Technology Corp 2SK3210 Datasheet HTML 3Page - Renesas Technology Corp 2SK3210 Datasheet HTML 4Page - Renesas Technology Corp 2SK3210 Datasheet HTML 5Page - Renesas Technology Corp 2SK3210 Datasheet HTML 6Page - Renesas Technology Corp 2SK3210 Datasheet HTML 7Page - Renesas Technology Corp 2SK3210 Datasheet HTML 8Page - Renesas Technology Corp 2SK3210 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SK3210(L), 2SK3210(S)
Rev.3.00 Sep. 30, 2004 page 2 of 8
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
150
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
——
±10
µAVGS = ±16 V, VDS = 0
Zero gate voltage drain current
IDSS
——
10
µAVDS = 150 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.5
V
VDS = 10 V, ID = 1 mA
RDS(on)
—40
45
m
ID = 15 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
—45
63
m
ID = 15 A, VGS = 4 V
Note4
Forward transfer admittance
|yfs|18
30
S
ID = 15 A, VDS = 10 V
Note4
Input capacitance
Ciss
2600
pF
Output capacitance
Coss
820
pF
Reverse transfer capacitance
Crss
350
pF
VDS = 10 V, VGS = 0
f = 1MHz
Turn-on delay time
td(on)
—25—
ns
Rise time
tr
180
ns
Turn-off delay time
td(off)
600
ns
Fall time
tf
280
ns
VGS = 10 V, ID= 15 A
RL = 2
Body–drain diode forward voltage
VDF
—0.91—
V
IF = 30 A, VGS = 0
Body–drain diode reverse recovery
time
trr
110
ns
IF = 30 A, VGS = 0
diF/dt = 50 A/
µs
Notes: 4. Pulse test


Similar Part No. - 2SK3210

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3210 HITACHI-2SK3210 Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3210(L) RENESAS-2SK3210(L)_15 Datasheet
170Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
2SK3210L HITACHI-2SK3210L Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3210L ISC-2SK3210L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK3210S HITACHI-2SK3210S Datasheet
35Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3210

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com