Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC5NF20V_0710 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC5NF20V_0710
Description  N-channel 20V - 0.030廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC5NF20V_0710 Datasheet(HTML) 3 Page - STMicroelectronics

  STC5NF20V_0710 Datasheet HTML 1Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 2Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 3Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 4Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 5Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 6Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 7Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 8Page - STMicroelectronics STC5NF20V_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STC5NF20V
Electrical ratings
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
20
V
VDGR
Drain-gate voltage (RGS = 20KΩ)20
V
VGS
Gate-source voltage
± 12
V
ID
Drain current (continuous) at TC = 25°C
5
A
ID
Drain current (continuous) at TC=100°C
3
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
20
A
PTOT
Total dissipation at TC = 25°C
1.5
W
Tstg
Storage temperature
–55 to 150
°C
TJ
Max. Operating junction temperature
–55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJ-PBC Thermal resistance junction-PBC Max
100 (1)
1.
When Mounted on FR-4 board with 1 inch2 pad, 2 oz. of Cu. and t = 10 sec.
°C/W
RthJ-PBC Thermal resistance junction-PBC Max
83.5 (2)
2.
When Mounted on minimum recommended footprint
°C/W


Similar Part No. - STC5NF20V_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V_07 Datasheet
266Kb / 12P
   N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET TM ll Power MOSFET
February 2007 Rev 5
More results

Similar Description - STC5NF20V_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC5NF20V STMICROELECTRONICS-STC5NF20V Datasheet
270Kb / 8P
   N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET??II POWER MOSFET
STC5NF30V STMICROELECTRONICS-STC5NF30V_06 Datasheet
295Kb / 12P
   N-channel 30V - 0.027廓 - 5A - TSSOP8 2.7V-drive STripFET??II Power MOSFET
STT5NF20V STMICROELECTRONICS-STT5NF20V Datasheet
229Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET??II POWER MOSFET
STS5DNF20V STMICROELECTRONICS-STS5DNF20V Datasheet
255Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STS5DNF20V STMICROELECTRONICS-STS5DNF20V_06 Datasheet
308Kb / 12P
   N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
STC5NF20V STMICROELECTRONICS-STC5NF20V_07 Datasheet
266Kb / 12P
   N-channel 20V - 0.030ohm - 5A - TSSOP8 2.7V-drive STripFET TM ll Power MOSFET
February 2007 Rev 5
STC5NF30V STMICROELECTRONICS-STC5NF30V Datasheet
271Kb / 8P
   N-CHANNEL 30V - 0.027 OHM - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET
STS6NF20V STMICROELECTRONICS-STS6NF20V Datasheet
256Kb / 8P
   N-CHANNEL 20V - 0.030 ohm - 6A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
   N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com