Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38D5 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 38D5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D5 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 38D5_08 Datasheet HTML 95Page - Renesas Technology Corp 38D5_08 Datasheet HTML 96Page - Renesas Technology Corp 38D5_08 Datasheet HTML 97Page - Renesas Technology Corp 38D5_08 Datasheet HTML 98Page - Renesas Technology Corp 38D5_08 Datasheet HTML 99Page - Renesas Technology Corp 38D5_08 Datasheet HTML 100Page - Renesas Technology Corp 38D5_08 Datasheet HTML 101Page - Renesas Technology Corp 38D5_08 Datasheet HTML 102Page - Renesas Technology Corp 38D5_08 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 142 page
background image
Rev.3.04
May 20, 2008
Page 99 of 134
REJ03B0158-0304
38D5 Group
Recommended Operating Conditions
NOTES:
1. When the A/D converter is used, refer to the recommended operating conditions of the A/D converter.
2. 12.5 MHz
< f(XIN) 16 MHz is not available in the frequency/2 mode.
3. The oscillation start voltage and the oscillation start time differ depending on factors such as the oscillator, circuit constants, and
operating temperature range. Note that oscillation start may be particularly difficult at low voltage when using a high-frequency
oscillator.
f: Oscillation frequency (1 MHz
f(XIN) 8 MHz) of oscillator. When the 8 MHz oscillation is used, assign “8” to “f”.
Table 23
Recommended operating conditions (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
VCC
Power source
voltage (1)
Frequency/2 mode (2)
f(XIN)
12.5MHz
4.5
5.5
V
f(XIN)
8MHz
4.0
5.5
V
f(XIN)
4MHz
2.0
5.5
V
f(XIN)
2MHz
1.8
5.5
V
Frequency/4 mode
f(XIN)
16MHz
4.5
5.5
V
f(XIN)
8MHz
2.0
5.5
V
f(XIN)
4MHz
1.8
5.5
V
Frequency/8 mode
f(XIN)
16MHz
4.5
5.5
V
f(XIN)
8MHz
2.0
5.5
V
f(XIN)
4MHz
1.8
5.5
V
Low-speed mode
1.8
5.5
V
On-chip oscillator mode
1.8
5.5
V
When start oscillating (3)
0.05
× f + 1.9
V
VSS
Power source voltage
0V
VLI
VL1 input voltage
Voltage multiplier is used
1.3
1.8
2.1
V
VREF
A/D converter reference voltage
2.0
VCC
V
AVSS
Analog power source voltage
0
V
VIA
Analog input voltage AN0
AN7
AVSS
VCC
V
VIH
“H” input voltage P00
P07, P10P17, P24P27, P30P37, P41, P43,
P50
P57, P60(CM4=0), P61, P65, P72P74
0.7VCC
VCC
V
VIH
“H” input voltage P20
P23, P40, P42, P4447, P62P64, P66, P67,
P70, P71
0.8VCC
VCC
V
VIH
“H” input voltage RESET
2.2V
< VCC 5.5V
0.8VCC
VCC
V
VCC
2.2V
65
× VCC - 99
VCC -
100
VCC
V
VIH
“H” input voltage XIN
0.8VCC
VCC
V
VIL
“L” input voltage P00
P07, P10P17, P24P27, P30P37, P41, P43,
P50
P57, P60, P61, P65, P72P74
0
0.3VCC
V
VIL
“L” input voltage P20
P23, P40, P42, P44P47, P62P64, P66, P67,
P70, P71, OSCSEL
0
0.2VCC
V
VIL
“L” input voltage RESET
2.2V
< VCC 5.5V
0
0.2VCC
V
VCC
2.2V
0
65
× VCC 99
100
V
VIL
“L” input voltage XIN
0
0.2VCC
V
QzROM VERSION


Similar Part No. - 38D5_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38D5 RENESAS-38D5_07 Datasheet
406Kb / 28P
   Standard Characteristics Example
More results

Similar Description - 38D5_08

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com