Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38D5 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 38D5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D5 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 38D5_08 Datasheet HTML 76Page - Renesas Technology Corp 38D5_08 Datasheet HTML 77Page - Renesas Technology Corp 38D5_08 Datasheet HTML 78Page - Renesas Technology Corp 38D5_08 Datasheet HTML 79Page - Renesas Technology Corp 38D5_08 Datasheet HTML 80Page - Renesas Technology Corp 38D5_08 Datasheet HTML 81Page - Renesas Technology Corp 38D5_08 Datasheet HTML 82Page - Renesas Technology Corp 38D5_08 Datasheet HTML 83Page - Renesas Technology Corp 38D5_08 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 142 page
background image
Rev.3.04
May 20, 2008
Page 80 of 134
REJ03B0158-0304
38D5 Group
• Block Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and
the confirmation command code “D016” and the block address in
the second bus cycle that follows, the block erase (erase and
erase verify) operation starts for the block address of the flash
memory to be specified.
Whether the block erase operation is completed can be confirmed
by read status register or the RY/BY status flag of flash memory
control register. To read the status register, write the status
register command “7016”. The status register bit 7 (SR7) is set to
“0” at the same time the block erase operation starts and returned
to “1” upon completion of the block erase operation. The read
status mode at this time remains active until the read array
command (“FF16”) is written.
The RY/BY status flag register is set to “0” during block erase
operation and “1” when the block erase operation is completed as
is the status register bit 7 (SR7).
After the block erase ends, erase results can be checked by
reading the status register. For details, refer to the section where
the status register is detailed.
Fig 76. Erase flowchart
Write “2016
Write “D016
Block address
Read status register
SR7 = “1”?
or
RY/BY = “1”?
Erase completed
(write read command
“FF16”)
NO
YES
Start
SR5 = “0”?
Erase error
YES
NO


Similar Part No. - 38D5_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
38D5 RENESAS-38D5_07 Datasheet
406Kb / 28P
   Standard Characteristics Example
More results

Similar Description - 38D5_08

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com