Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3583 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2N3583
Description  POWER TRANSISTORS(35W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N3583 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2N3583 Datasheet HTML 1Page - Mospec Semiconductor 2N3583 Datasheet HTML 2Page - Mospec Semiconductor 2N3583 Datasheet HTML 3Page - Mospec Semiconductor 2N3583 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - 2N3583

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3583 BOCA-2N3583 Datasheet
224Kb / 4P
   COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3583 ETC1-2N3583 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Microsemi Corporation
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
   5 Amp, 250V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N3583 CENTRAL-2N3583 Datasheet
51Kb / 1P
   Power Transistors
logo
Comset Semiconductor
2N3583 COMSET-2N3583 Datasheet
166Kb / 3P
   NPN SILICON POWER TRANSISTORS.
More results

Similar Description - 2N3583

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6211 MOSPEC-2N6211 Datasheet
142Kb / 3P
   POWER TRANSISTORS(2A, 35W)
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
   2CHANNEL 35W POWER AMPLIFIER
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
DB Lectro Inc
RNP20S DBLECTRO-RNP20S Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com