Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5628XZ-TL-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5628XZ-TL-E
Description  Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5628XZ-TL-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5628XZ-TL-E Datasheet HTML 1Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 2Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 3Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 4Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 5Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 6Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 7Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 8Page - Renesas Technology Corp 2SC5628XZ-TL-E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC5628
Rev.3.00 Aug 10, 2005 page 2 of 9
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to base breakdown voltage
V(BR)CBO
15
V
IC = 10
µA , IE = 0
Collector cutoff current
ICBO
0.2
µA
VCB = 12V , IE = 0
Collector cutoff current
ICEO
1
µA
VCE = 8V , RBE =
Emitter cutoff current
IEBO
1
µA
VEB = 1.5V , IC = 0
DC current transfer ratio
hFE
80
100
160
VCE = 1V , IC = 5mA
Collector output capacitance
Cob
0.55
0.85
pF
VCB = 1V , IE = 0
f = 1MHz
Gain bandwidth product
fT
6
9
GHz
VCE = 1V , IC = 5mA
Power gain
PG
11
14
dB
VCE = 1V, IC = 5mA
f = 900MHz
Noise figure
NF
1.1
2.0
dB
VCE = 1V, IC = 5mA
f = 900MHz


Similar Part No. - 2SC5628XZ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
More results

Similar Description - 2SC5628XZ-TL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5975 RENESAS-2SC5975 Datasheet
238Kb / 18P
   SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
2SC5894 RENESAS-2SC5894 Datasheet
129Kb / 10P
   Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
logo
Hitachi Semiconductor
2SC5390 HITACHI-2SC5390 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial High Frequency Amplifier
2SC3652 HITACHI-2SC3652 Datasheet
342Kb / 3P
   SILICON NPN EPITAXIAL HIGH FREQUENCY AMPLIFIER
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com