Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32C84 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 32C84
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C84 Datasheet(HTML) 4 Page - Renesas Technology Corp

  32C84 Datasheet HTML 1Page - Renesas Technology Corp 32C84 Datasheet HTML 2Page - Renesas Technology Corp 32C84 Datasheet HTML 3Page - Renesas Technology Corp 32C84 Datasheet HTML 4Page - Renesas Technology Corp 32C84 Datasheet HTML 5Page - Renesas Technology Corp 32C84 Datasheet HTML 6Page - Renesas Technology Corp 32C84 Datasheet HTML 7Page - Renesas Technology Corp 32C84 Datasheet HTML 8Page - Renesas Technology Corp 32C84 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
Page 4
1. Overview
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
1.3 Block Diagram
Figure 1.1 shows a block diagram of the M32C/84 group (M32C/84, M32C/84T) microcomputer.
Figure 1.1 M32C/84 Group (M32C/84, M32C/84T) Block Diagram
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
Port P14
Port P15
Port P11
Port P12
Port P13
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
SB
NOTES:
1. Ports P11 to P15 are provided in the 144-pin package only.
2. Included in the 144-pin package only.
3. The supply voltage of M32C/84T (High-reliability version) must be VCC1=VCC2.
FLG
INTB
ISP
USP
PC
SVF
SVP
VCT
Multiplier
M32C/80 series CPU Core
Clock Generation Circuit
XIN - XOUT
XCIN - XCOUT
On-chip Oscillator
PLL Frequency Synthesizer
A/D Converter:
1 circuit
Standard: 10 inputs
Maximum: 34 inputs
(2)
UART/Clock Synchronous Serial I/O:
5 channels
CRC Calculation Circuit (CCITT):
X16+X12+X5+1
X/Y Converter:
16 bits x 16 bits
D/A Converter:
8 bits x 2 channels
Peripheral Functions
<VCC2(3)>
<VCC1(3)>
ROM
RAM
Memory
<VCC1(3)>
<VCC2(3)>
78
5
8
8
(Note 1)
888888
8
DMACII
DMAC
Watchdog Timer (15 bits)
CAN Module: 1 channel
Intelligent I/O
Time Measurement: 8 channels
Waveform Generating: 8 channels
Communication Functions:
Clock Synchronous Serial I/O, UART,
HDLC Data Processing
Timer (16 bits)
Timer A: 5 channels
Timer B: 6 channels
Three-Phase Motor Control Circuit


Similar Part No. - 32C84

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C82 RENESAS-32C82 Datasheet
840Kb / 82P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C83 RENESAS-32C83 Datasheet
840Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results

Similar Description - 32C84

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C RENESAS-M32C_15 Datasheet
952Kb / 87P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C82 RENESAS-M32C82_15 Datasheet
941Kb / 84P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C84 RENESAS-M32C84_15 Datasheet
910Kb / 91P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C88T RENESAS-32C88T Datasheet
382Kb / 59P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C85 RENESAS-M32C85_15 Datasheet
930Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C83 RENESAS-32C83 Datasheet
840Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C86 RENESAS-32C86 Datasheet
561Kb / 69P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com