Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RBG-8SR Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1LV1616RBG-8SR
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RBG-8SR Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1LV1616RBG-8SR Datasheet HTML 1Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 2Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 3Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RBG-8SR Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REJ03C0340-0001 Rev.0.01 2007.10.31
page 1 of 14
REJ03C0340-0001
Rev.0.01
2007.10.31
R1LV1616RBA-5SI
16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Description
The R1LV1616R Series is a family of low voltage 16-Mbit static RAMs organized as 1048576-words by 16-bit,
fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies.
The R1LV1616R Series is suitable for memory applications where a simple interfacing , battery operating and
battery backup are the important design objectives.
The R1LV1616RBA Series is packaged in a 48balls Wafer Level Chip Scale Package[WL-CSP / 5.62mm x 5.84mm
with the ball-pitch of 0.55mm and the height of 0.79mm]. It gives the best solution for a compaction of mounting area
as well as flexibility of wiring pattern of printed circuit boards.
• Single 2.7-3.6V power supply
• Small stand-by current:2µA (3.0V, typ.)
• Data retention supply voltage =2.0V
• No clocks, No refresh
• All inputs and outputs are TTL compatible
• Easy memory expansion by CS1#, CS2, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie capability
• OE# prevents data contention on the I/O bus
• Process technology: 0.15um CMOS
Features


Similar Part No. - R1LV1616RBG-8SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RBG-8SR RENESAS-R1LV1616RBG-8SR Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
R1LV1616RBG-8SR RENESAS-R1LV1616RBG-8SR Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RBG-8SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com