Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3446 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3446
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3446 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3446_05 Datasheet HTML 1Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 2Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 3Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 4Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 5Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 6Page - Renesas Technology Corp 2SK3446_05 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK3446
Rev.8.00 Sep 07, 2005 page 4 of 6
5
1
2
3
4
–25
0
25
75
50
100 125
150
0
0.01 0.03
0.3
1
3
10
10
3
1
0.3
0.03
0.1
0.01
0.1
25°C
Tc = –25°C
75°C
0.5 A
0.2 A
0.5 A
0.2 A
ID = 1 A
ID = 1 A
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
VDS = 10 V
Pulse Test
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
0.1
0.3
1
3
10
1000
100
300
30
3
10
1
0
10203040
50
1000
300
30
100
160
120
80
40
0
0
8
24
6
8
10
0
2
6
4
100
30
1
3
10
0.1
0.3
1
3
10
10
1
3
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 1 A
VDS
VGS
VDD = 100 V
50 V
25 V
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
tr
td(on)
td(off)
tf
VGS = 4 V, VDD = 30 V
PW = 5
µs, duty ≤ 1 %
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage
VDS (V)
Drain Current
ID (A)
Switching Characteristics
Gate Charge
Qg (nC)
Dynamic Input Characteristics
VDD = 100 V
50 V
25 V
4 V
VGS = 2.5 V


Similar Part No. - 2SK3446_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3446 RENESAS-2SK3446_15 Datasheet
101Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - 2SK3446_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com