Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3391JXTL-E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SK3391JXTL-E
Description  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3391JXTL-E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK3391JXTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 9Page - Renesas Technology Corp 2SK3391JXTL-E Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SK3391
REJ03G0209-0300 Rev.3.00 Nov 08, 2007
Page 7 of 9
S Parameter
(VDS = 7.5 V, IDQ = 150 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.946
-58.3
17.64
143.8
0.027
55.8
0.500
-52.7
150
0.920
-80.2
15.56
130.9
0.036
42.9
0.483
-73.1
200
0.889
-98.1
13.78
119.7
0.040
32.7
0.470
-88.9
250
0.867
-110.4
12.44
111.4
0.043
25.1
0.460
-101.0
300
0.844
-120.8
10.97
104.3
0.045
18.8
0.453
-110.0
350
0.832
-129.0
9.80
98.4
0.046
13.5
0.458
-117.7
400
0.821
-135.6
8.80
93.3
0.047
8.9
0.461
-123.3
450
0.819
-141.1
7.96
88.8
0.047
4.8
0.463
-127.8
500
0.816
-145.8
7.25
84.6
0.047
1.2
0.466
-131.6
550
0.809
-149.8
6.64
80.7
0.047
-1.8
0.469
-135.0
600
0.807
-153.2
6.09
77.4
0.046
-4.7
0.475
-137.7
650
0.804
-156.5
5.63
74.1
0.046
-7.3
0.481
-140.0
700
0.806
-159.3
5.22
70.7
0.046
-9.8
0.488
-142.4
750
0.806
-161.9
4.86
67.7
0.045
-12.1
0.494
-144.5
800
0.806
-164.2
4.54
64.7
0.044
-14.3
0.502
-146.3
850
0.807
-166.3
4.26
62.0
0.044
-16.3
0.510
-148.2
900
0.808
-168.6
4.02
59.3
0.043
-18.0
0.519
-149.9
950
0.811
-170.4
3.79
56.8
0.043
-19.9
0.528
-151.5
1000
0.812
-172.2
3.57
54.3
0.042
-21.8
0.537
-153.1
1050
0.816
-174.0
3.38
51.8
0.041
-23.4
0.546
-154.6
1100
0.814
-175.8
3.21
49.3
0.041
-25.2
0.555
-156.1
1150
0.818
-177.5
3.05
47.0
0.040
-26.5
0.563
-157.6
1200
0.820
-179.1
2.89
44.5
0.039
-28.0
0.569
-159.1
1250
0.826
179.4
2.75
42.1
0.038
-29.3
0.578
-160.6
1300
0.829
178.0
2.62
39.8
0.037
-30.7
0.585
-161.9
1350
0.831
176.8
2.50
37.5
0.037
-31.9
0.592
-163.2
1400
0.832
175.5
2.38
35.4
0.036
-33.1
0.597
-164.6
1450
0.830
174.1
2.28
33.2
0.035
-34.0
0.605
-166.0
1500
0.835
172.6
2.17
31.3
0.034
-35.1
0.611
-167.4
1550
0.835
171.2
2.07
29.2
0.034
-36.2
0.618
-168.8
1600
0.843
169.7
1.98
27.1
0.033
-37.2
0.624
-170.4
1650
0.846
168.8
1.90
25.1
0.032
-38.1
0.632
-171.6
1700
0.845
167.4
1.83
22.9
0.031
-38.9
0.636
-173.0
1750
0.845
166.1
1.77
21.1
0.030
-39.8
0.642
-174.5
1800
0.845
164.5
1.71
19.1
0.030
-40.0
0.649
-175.9
1850
0.848
162.7
1.65
17.2
0.029
-40.8
0.656
-177.2
1900
0.855
161.2
1.60
15.7
0.028
-41.3
0.661
-178.6
1950
0.867
159.9
1.54
14.3
0.028
-42.0
0.668
-180.0
2000
0.880
158.8
1.49
12.6
0.027
-42.5
0.676
178.7
2050
0.883
158.1
1.43
10.9
0.026
-43.0
0.679
177.4
2100
0.882
157.2
1.37
9.1
0.026
-43.5
0.685
176.0
2150
0.876
156.1
1.33
7.0
0.025
-43.5
0.692
174.7
2200
0.873
154.6
1.29
4.8
0.025
-43.9
0.697
173.5
2250
0.871
153.3
1.25
3.1
0.024
-44.0
0.701
172.2
2300
0.869
151.8
1.21
1.5
0.023
-44.2
0.705
170.7
2350
0.873
150.3
1.17
-0.1
0.023
-44.5
0.712
169.7
2400
0.880
149.0
1.14
-2.2
0.022
-44.4
0.714
168.4
2450
0.881
147.7
1.10
-3.7
0.022
-44.4
0.717
167.1
2500
0.878
146.5
1.06
-5.5
0.021
-44.6
0.721
165.6


Similar Part No. - 2SK3391JXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3391JX RENESAS-2SK3391JX Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results

Similar Description - 2SK3391JXTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com