Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3391_07 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. 2SK3391_07
Description  Silicon N-Channel MOS FET UHF Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

 
 5 page
background image
2SK3391
REJ03G0209-0300 Rev.3.00 Nov 08, 2007
Page 5 of 9
S Parameter
(VDS = 4.5 V, IDQ = 150 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.942
-62.0
12.61
141.7
0.036
52.5
0.426
-76.6
150
0.920
-85.7
11.22
128.5
0.045
38.2
0.455
-99.8
200
0.885
-105.8
10.04
116.4
0.050
28.2
0.473
-115.6
250
0.854
-120.3
9.15
107.5
0.053
20.8
0.484
-126.7
300
0.836
-130.3
8.11
100.8
0.054
15.1
0.503
-134.5
350
0.814
-138.2
7.32
95.3
0.055
10.3
0.509
-140.5
400
0.809
-144.2
6.64
90.6
0.056
6.2
0.517
-145.0
450
0.806
-148.9
6.04
86.7
0.056
2.3
0.520
-148.5
500
0.802
-152.9
5.54
82.9
0.056
-0.7
0.526
-151.5
550
0.796
-156.2
5.10
79.5
0.056
-3.6
0.530
-154.1
600
0.795
-159.2
4.71
76.4
0.055
-6.4
0.535
-156.2
650
0.795
-162.0
4.37
73.2
0.055
-8.8
0.540
-158.1
700
0.795
-164.5
4.06
70.3
0.055
-11.1
0.544
-159.8
750
0.796
-166.8
3.79
67.5
0.054
-13.1
0.550
-161.5
800
0.795
-168.7
3.53
64.6
0.053
-15.4
0.556
-162.9
850
0.796
-170.6
3.33
62.1
0.053
-17.2
0.561
-164.3
900
0.799
-172.6
3.15
59.5
0.052
-19.0
0.567
-165.6
950
0.802
-174.5
2.97
57.0
0.052
-20.7
0.574
-166.7
1000
0.802
-175.9
2.80
54.8
0.051
-22.6
0.580
-168.0
1050
0.802
-177.5
2.65
52.3
0.050
-24.4
0.586
-169.2
1100
0.803
-179.3
2.51
50.1
0.050
-26.0
0.592
-170.4
1150
0.807
179.3
2.39
47.9
0.049
-27.4
0.597
-171.4
1200
0.809
177.6
2.27
45.4
0.048
-28.8
0.602
-172.5
1250
0.813
176.3
2.16
43.1
0.047
-30.2
0.606
-173.8
1300
0.818
175.1
2.06
41.0
0.047
-31.6
0.612
-174.7
1350
0.818
173.9
1.97
38.8
0.046
-33.0
0.617
-175.7
1400
0.820
172.8
1.88
36.7
0.045
-34.1
0.620
-176.7
1450
0.817
171.6
1.80
34.8
0.044
-35.4
0.625
-177.9
1500
0.821
170.1
1.72
32.9
0.043
-36.5
0.630
-178.9
1550
0.825
168.7
1.64
30.9
0.043
-37.7
0.635
179.9
1600
0.830
167.5
1.57
28.9
0.042
-38.9
0.639
178.6
1650
0.832
166.6
1.51
26.9
0.041
-40.0
0.646
177.6
1700
0.833
165.5
1.45
24.9
0.040
-41.0
0.649
176.5
1750
0.831
164.0
1.41
22.9
0.039
-42.1
0.654
175.3
1800
0.833
162.4
1.36
21.0
0.039
-42.7
0.660
174.2
1850
0.836
160.8
1.32
19.5
0.038
-43.6
0.664
173.0
1900
0.842
159.3
1.28
17.9
0.037
-44.3
0.670
171.9
1950
0.854
157.9
1.23
16.4
0.037
-45.5
0.675
170.7
2000
0.869
156.9
1.19
14.9
0.036
-46.4
0.682
169.6
2050
0.871
156.4
1.15
13.3
0.035
-47.2
0.684
168.5
2100
0.870
155.7
1.11
11.4
0.034
-48.2
0.689
167.3
2150
0.864
154.5
1.07
9.3
0.034
-48.6
0.696
166.2
2200
0.860
153.1
1.04
7.2
0.033
-49.4
0.699
165.2
2250
0.858
151.9
1.01
5.5
0.032
-50.1
0.702
164.1
2300
0.855
150.3
0.98
3.8
0.032
-50.8
0.706
162.8
2350
0.860
149.1
0.95
2.5
0.031
-51.5
0.713
161.7
2400
0.868
147.7
0.92
0.5
0.031
-51.9
0.714
160.7
2450
0.868
146.7
0.89
-1.1
0.030
-52.4
0.716
159.6
2500
0.865
145.2
0.86
-3.2
0.029
-53.1
0.720
158.3




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK2596_07Silicon N-Channel MOS FET UHF Power Amplifier 1 2 3 4 5 MoreRenesas Technology Corp
2SK2595Silicon N-Channel MOS FET UHF Power Amplifier 1 2 3 4 5 MoreHitachi Semiconductor
2SK2595Silicon N-Channel MOS FET UHF Power Amplifier 1 2 3 4 5 MoreRenesas Technology Corp
2SK296SILICON N-CHANNEL MOS FET HIGH SPEED POWER SWITCHING 1 Hitachi Semiconductor
2SK1739AFIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER 1 2 3 4 5 Toshiba Semiconductor
NE55410GR_07N-CHANNEL SILICON POWER LDMOS FET FOR 2 W + 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER 1 2 3 4 5 MoreCalifornia Eastern Labs
UPA1572HFAST SWITCHING N-CHANNEL SILICON POWER MOS FET ARRAY 1 2 3 4 NEC
RQA0009TXDQSSilicon N-Channel MOS FET 1 2 3 4 5 MoreRenesas Technology Corp
NP40N055ELEMOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl