Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3378ENTL-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK3378ENTL-E
Description  Silicon N Channel MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3378ENTL-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK3378ENTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3378ENTL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1599-0200 Rev.2.00 Oct 23, 2007
Page 1 of 6
2SK3378
Silicon N Channel MOS FET
High Speed Switching
REJ03G1599-0200
(Previous: ADE-208-805)
Rev.2.00
Oct 23, 2007
Features
• Low on-resistance
RDS = 2.7 Ω typ. (VGS = 10 V, ID = 50 mA)
RDS = 4.7 Ω typ. (VGS = 4 V, ID = 20 mA)
• 4 V gate drive device.
• Small package (CMPAK)
Outline
RENESAS Package code: PTSP0003ZA-A
(Package name: CMPAK
1
2
3
1. Source
2. Gate
3. Drain
)
R
D
S
G
Note:
Marking is EN
*CMPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Rating
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
100
mA
Drain peak current
ID(pulse)
Note1
400
mA
Body-drain diode reverse drain current
IDR
100
mA
Channel dissipation
Pch
Note 2
300
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value on the alumina ceramic board (12.5 x 20 x 0.7 mm)


Similar Part No. - 2SK3378ENTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3378 HITACHI-2SK3378 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
More results

Similar Description - 2SK3378ENTL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com