Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RBA-5SI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1LV1616RBA-5SI
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RBA-5SI Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1LV1616RBA-5SI Datasheet HTML 1Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 2Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 3Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RBA-5SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
R1LV1616RBA Series
REJ03C0340-0001 Rev.0.01 2007.10.31
page 5 of 14
Note 1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25
ºC), and not 100% tested.
2. BYTE#
Vcc-0.2V or BYTE# 0.2V
Recommended Operating Conditions
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Supply voltage
Vcc
2.7
3.0
3.6
V
Vss
0
0
0
V
Input high voltage
VIH
2.4
-
Vcc+0.2
V
Input low voltage
VIL
-0.2
-
0.4
V
1
Ambient temperature range
Ta
-40
-
+85
ºC
2
Note 1. –2.0V in case of AC (Pulse width
30ns)
Parameter
Symbol
Min.
Typ.*1
Max.
Unit
Test conditions*2
Input leakage current
|ILI|
-
-
1
µA
Vin=Vss to Vcc
Output leakage current
|ILo|
-
-
1
µA
CS1# =VIH or CS2=VIL or
OE# = VIH or WE# =VIL or
LB# =UB# =VIH,VI/O=Vss to Vcc
Average operating
current
Icc1
-
25
40
mA
Min. cycle, duty =100%
I I/O = 0 mA, CS1# =VIL,
CS2=VIH Others = VIH / VIL
Icc2
-
2
5
mA
Cycle time = 1 µs,
I I/O = 0 mA,
CS1#
≤ 0.2V, CS2 ≥ VCC-0.2V
VIH
≥ VCC-0.2V , VIL ≤ 0.2V,
duty=100%
Standby current
ISB
-
0.1
0.3
mA
CS2=VIL
Standby current
ISB1
-
2
6
µA
~+25ºC
V in
≥ 0V
(1) 0V
≤CS2≤0.2V or
(2) CS2
≥Vcc-0.2V,
CS1#
≥Vcc-0.2V or
(3)LB# =UB#
≥Vcc-0.2V,
CS2
≥Vcc-0.2V,
CS1#
≤0.2V
Average value
-
4
12
µA
~+40ºC
-
-
25
µA
~+70ºC
-
-
40
µA
~+85ºC
Output hige voltage
VOH
2.4
-
-
V
IOH = -1mA
Output Low voltage
VOL
-
-
0.4
V
IOL = 2mA


Similar Part No. - R1LV1616RBA-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RBG-5S RENESAS-R1LV1616RBG-5S Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBG-5SI RENESAS-R1LV1616RBG-5SI Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBG-5SR RENESAS-R1LV1616RBG-5SR Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBG-7S RENESAS-R1LV1616RBG-7S Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBG-7SI RENESAS-R1LV1616RBG-7SI Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
More results

Similar Description - R1LV1616RBA-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R RENESAS-R1LV1616R_07 Datasheet
112Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com