Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LV0408C-I Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. R1LV0408C-I
Description  Wide Temperature Range Version 4M SRAM (512-kword × 8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0408C-I Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1LV0408C-I Datasheet HTML 2Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 3Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 4Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 5Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 6Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 7Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 8Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 9Page - Renesas Technology Corp R1LV0408C-I Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
R1LV0408C-I Series
Rev.2.00, May.25.2004, page 6 of 12
DC Characteristics
Parameter
Symbol Min
Typ
Max Unit Test conditions
Input leakage current
|ILI|
1
µA
Vin = VSS to VCC
Output leakage current
|ILO|
1
µA
CS# = VIH or OE# = VIH or
WE# = VIL or VI/O = VSS to VCC
Operating current
ICC
5*
1
10
mA
CS# = VIL,
Others = VIH/ VIL, II/O = 0 mA
Average operating current
ICC1
8*
1
25
mA
Min. cycle, duty = 100%,
CS# = VIL, Others = VIH/VIL
II/O = 0 mA
ICC2
2*
1
5
mA
Cycle time = 1
µs,
duty = 100%,
II/O = 0 mA, CS#
≤ 0.2 V,
VIH
≥ VCC − 0.2 V, VIL ≤ 0.2 V
Standby current
ISB
0.1*
1
0.3
mA
CS# = VIH
to +85
°C
ISB1
10
µA
Vin
≥ 0 V, CS# ≥ VCC − 0.2 V
to +70
°C
ISB1
8
µA
to +40
°C
ISB1
0.7*
2
3
µA
−5SI
to +25
°C
ISB1
0.5*
1
3
µA
to +85
°C
ISB1
20
µA
to +70
°C
ISB1
16
µA
to +40
°C
ISB1
0.7*
2
10
µA
Standby
current
−7LI
to +25
°C
ISB1
0.5*
1
10
µA
Output low voltage
VOL
0.4
V
IOL = 2.1 mA
VOL2
0.2
V
IOL = 100
µA
Output high voltage
VOH
2.4
V
IOH =
−1.0 mA
VOH2
VCC
− 0.2 
V
IOH =
−0.1 mA
Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25
°C and specified loading, and not guaranteed.
2. Typical values are at VCC = 3.0 V, Ta = +40
°C and specified loading, and not guaranteed.
Capacitance
(Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
CI/O
10
pF
VI/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn