Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1LP0408C-I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. R1LP0408C-I
Description  Wide Temperature Range Version 4M SRAM (512-kword × 8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408C-I Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1LP0408C-I Datasheet HTML 1Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 2Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 3Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 4Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 5Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 6Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 7Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 8Page - Renesas Technology Corp R1LP0408C-I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.2.00, May.26.2004, page 1 of 12
R1LP0408C-I Series
Wide Temperature Range Version
4M SRAM (512-kword
× 8-bit)
REJ03C0067-0200Z
Rev. 2.00
May.26.2004
Description
The R1LP0408C-I is a 4-Mbit static RAM organized 512-kword
× 8-bit. R1LP0408C-I Series has realized
higher density, higher performance and low power consumption by employing CMOS process technology
(6-transistor memory cell). The R1LP0408C-I Series offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It has packaged in 32-pin SOP, 32-pin TSOP II.
Features
• Single 5 V supply: 5 V ± 10%
• Access time: 55/70 ns (max)
• Power dissipation:
 Active: 10 mW/MHz (typ)
 Standby: 4 µW (typ)
• Completely static memory.
 No clock or timing strobe required
• Equal access and cycle times
• Common data input and output.
 Three state output
• Directly TTL compatible.
 All inputs and outputs
• Battery backup operation.
• Operating temperature: −40 to +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn