Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1EX25032ASA00A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. R1EX25032ASA00A
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00A Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX25032ASA00A Datasheet HTML 1Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 2Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 3Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 4Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 5Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 6Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 7Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 8Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
R1EX25032ASA00A/R1EX25064ASA00A
R1EX25032ATA00A/R1EX25064ATA00A
Serial Peripheral Interface
32k EEPROM (4-kword
× 8-bit)
64k EEPROM (8-kword
× 8-bit)
Electrically Erasable and Programmable Read Only Memory
REJ03C0358-0001
Preliminary
Rev.0.01
Jan.28.2008
Description
R1EX25xxx Series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and
Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. It also has a 32-byte
page programming function to make it’s write operation faster.
Note: Renesas Technology’s serial EEPROM are authorized for using consumer applications such as cellular phones,
camcorders, audio equipments. Therefore, please contact Renesas Technology’s sales office before using
industrial applications such as automotive systems, embedded controllers, and meters.
Features
• Single supply: 1.8 V to 5.5 V
• Serial Peripheral Interface compatible (SPI bus)
 SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
 Standby: 2µA (max)
 Active (Read): 3.0 mA (max)
 Active (Write): 3.5 mA (max)
• Automatic page write: 32-byte/page
• Write cycle time: 5 ms
• Endurance: 106 Erase/Write Cycles
• Data retention: 10 Years
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
 TSSOP-8pin : 3,000 IC/reel
 SOP-8pin
: 2,500 IC/reel
• Temperature range: −40 to +85°C
• Lead free product.
REJ03C0358-0001.Rev.0.01 Jan.28.2008
page 1 of 20


Similar Part No. - R1EX25032ASA00A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A_15 Datasheet
610Kb / 24P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25032ASA00A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz