Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R1EX25032ASA00A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. R1EX25032ASA00A
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00A Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1EX25032ASA00A Datasheet HTML 1Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 2Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 3Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 4Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 5Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 6Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 7Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 8Page - Renesas Technology Corp R1EX25032ASA00A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
R1EX25032Axx00A/R1EX25064Axx00A
REJ03C0358-0001.Rev.0.01 Jan.28.2008
DC Characteristics
Parameter
Symbol
Min
Max
Unit
Test conditions
Input leakage current
ILI
2
µA
VCC = 5.5 V, VIN = 0 to 5.5 V
(
S, D, C, HOLD, W)
Output leakage current
ILO
2
µA
VCC = 5.5 V, VOUT = 0 to 5.5 V
(Q)
VCC current
Standby
ISB
2
µA
VIN = VSS or VCC,
VCC = 5.5 V
Active
ICC1
2
mA
VCC = 3.6 V, Read at 5 MHz
VIN = VCC × 0.1/VCC × 0.9 Q =
OPEN
3
mA
VCC = 5.5 V, Read at 5 MHz
VIN = VCC × 0.1/VCC × 0.9 Q =
OPEN
ICC2
2
mA
VCC = 3.6 V, Write at 5 MHz
VIN = VCC × 0.1/VCC × 0.9
3.5
mA
VCC = 5.5 V, Write at 5 MHz
VIN = VCC × 0.1/VCC × 0.9
Output voltage
VOL1
0.4
V
VCC = 5.5 V, IOL = 2 mA
VOL2
0.4
V
VCC = 2.5 V, IOL = 1.5 mA
VOH1
VCC × 0.8
V
VCC = 5.5 V, IOL = −2 mA
VOH2
VCC × 0.8
V
VCC = 2.5 V, IOL = −0.4 mA
page 4 of 20


Similar Part No. - R1EX25032ASA00A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A_15 Datasheet
610Kb / 24P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25032ASA00A

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz