Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3135STL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK3135STL-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3135STL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK3135STL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 8Page - Renesas Technology Corp 2SK3135STL-E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK3135(L), 2SK3135(S)
Rev.4.00 Sep 07, 2005 page 4 of 8
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
20
16
12
8
4
–50
0
50
100
150
200
0
VGS = 10 V
4 V
Pulse Test
10, 20, 50 A
ID = 50 A
10 A
20 A
0.1
0.3
1
3
10
30
100
500
100
200
20
50
10
2
5
1
0.5
Tc = –25
°C
75
°C
25
°C
VDS = 10 V
Pulse Test
0.1
0.3
1
3
10
30
100
010
20
30
40
50
1000
10000
3000
100
80
60
40
20
0
20
16
12
8
4
80
160
240
320
400
0
1000
100
200
20
10
0.1 0.2
2
10
100
1000
500
100
200
20
50
10
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
300
20
1
100
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 75 A
VGS
VDS
VDD = 50 V
25 V
10 V
VDD = 50 V
25 V
10 V
0.5
5
500
50
50
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
tr
td(on)
td(off)
tf
30000


Similar Part No. - 2SK3135STL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3135S HITACHI-2SK3135S Datasheet
53Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3135S ISC-2SK3135S Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3135STL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com